Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FS6500 Datasheet(PDF) 4 Page - NXP Semiconductors

Part # FS6500
Description  Safety Power System Basis Chip with CAN FD and LIN
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

FS6500 Datasheet(HTML) 4 Page - NXP Semiconductors

  FS6500 Datasheet HTML 1Page - NXP Semiconductors FS6500 Datasheet HTML 2Page - NXP Semiconductors FS6500 Datasheet HTML 3Page - NXP Semiconductors FS6500 Datasheet HTML 4Page - NXP Semiconductors FS6500 Datasheet HTML 5Page - NXP Semiconductors FS6500 Datasheet HTML 6Page - NXP Semiconductors FS6500 Datasheet HTML 7Page - NXP Semiconductors FS6500 Datasheet HTML 8Page - NXP Semiconductors FS6500 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
NXP Semiconductors
FS6500, FS4500
Safety Power System Basis Chip with CAN FD and LIN Transceivers
FS6500-FS4500SDS
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2017. All rights reserved.
Short data sheet: advance information
Rev. 1.0 — 14 December 2017
4 / 20
5.2 Part numbers list
Table 2. Orderable part variations
Part number
Temperature
(TA)
Package
FS1B
LDT
VCORE
VCORE
type
VKAM on
CAN FD
LIN
Notes
MC33FS4500CAE
0
0
0.5 A
Linear
by SPI
1
0
MC33FS4500LAE
0
0
0.5 A
Linear
by SPI
1
1
MC33FS4500NAE
0
0
0.5 A
Linear
by SPI
0
0
MC33FS4501CAE
1
0
0.5 A
Linear
by SPI
1
0
MC33FS4501NAE
1
0
0.5 A
Linear
by SPI
0
0
MC33FS4502CAE
0
1
0.5 A
Linear
by SPI
1
0
MC33FS4502LAE
0
1
0.5 A
Linear
by SPI
1
1
MC33FS4502NAE
0
1
0.5 A
Linear
by SPI
0
0
MC33FS4503CAE
1
1
0.5 A
Linear
by SPI
1
0
MC33FS4503NAE
1
1
0.5 A
Linear
by SPI
0
0
MC33FS6500CAE
0
0
0.8 A
DC DC
by SPI
1
0
MC33FS6500LAE
0
0
0.8 A
DC DC
by SPI
1
1
MC33FS6500NAE
0
0
0.8 A
DC DC
by SPI
0
0
MC33FS6501CAE
1
0
0.8 A
DC DC
by SPI
1
0
MC33FS6501NAE
1
0
0.8 A
DC DC
by SPI
0
0
MC33FS6502CAE
0
1
0.8 A
DC DC
by SPI
1
0
MC33FS6502LAE
0
1
0.8 A
DC DC
by SPI
1
1
MC33FS6502NAE
0
1
0.8 A
DC DC
by SPI
0
0
MC33FS6503CAE
1
1
0.8 A
DC DC
by SPI
1
0
MC33FS6503NAE
1
1
0.8 A
DC DC
by SPI
0
0
MC33FS6504LAE
0
1
0.8 A
DC DC
by default
1
1
MC33FS6510CAE
0
0
1.5 A
DC DC
by SPI
1
0
MC33FS6510LAE
0
0
1.5 A
DC DC
by SPI
1
1
MC33FS6510NAE
0
0
1.5 A
DC DC
by SPI
0
0
MC33FS6511CAE
1
0
1.5 A
DC DC
by SPI
1
0
MC33FS6511NAE
1
0
1.5 A
DC DC
by SPI
0
0
MC33FS6512CAE
0
1
1.5 A
DC DC
by SPI
1
0
MC33FS6512LAE
0
1
1.5 A
DC DC
by SPI
1
1
MC33FS6512NAE
0
1
1.5 A
DC DC
by SPI
0
0
MC33FS6513CAE
1
1
1.5 A
DC DC
by SPI
1
0
MC33FS6513NAE
1
1
1.5 A
DC DC
by SPI
0
0
MC33FS6514LAE
0
1
1.5 A
DC DC
by default
1
1
MC33FS6520CAE
0
0
2.2 A
DC DC
by SPI
1
0
MC33FS6520LAE
0
0
2.2 A
DC DC
by SPI
1
1
MC33FS6520NAE
0
0
2.2 A
DC DC
by SPI
0
0
MC33FS6521CAE
1
0
2.2 A
DC DC
by SPI
1
0
MC33FS6521NAE
1
0
2.2 A
DC DC
by SPI
0
0
MC33FS6522CAE
0
1
2.2 A
DC DC
by SPI
1
0
MC33FS6522LAE
0
1
2.2 A
DC DC
by SPI
1
1
MC33FS6522NAE
0
1
2.2 A
DC DC
by SPI
0
0
MC33FS6523CAE
1
1
2.2 A
DC DC
by SPI
1
0
MC33FS6523NAE
–40 °C to 125 °C
48-pin LQFP
exposed pad
1
1
2.2 A
DC DC
by SPI
0
0
[1] [2]
[1]
To order parts in tape and reel, add the R2 suffix to the part number.
[2]
LIN and FS1B functions are exclusive. The differentiation is made by part numbers. When LIN is available, FS1B is not, and vice versa. VKAM on by
default is available on certain part numbers only.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com