Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FSTF230US Datasheet(PDF) 2 Page - BELIMO AIRCONTROLS (USA), INC

Part # FSTF230US
Description  On/Off, Spring Return Fail-Safe, AC 230 V
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELIMO [BELIMO AIRCONTROLS (USA), INC]
Direct Link  https://www.belimo.us/
Logo BELIMO - BELIMO AIRCONTROLS (USA), INC

FSTF230US Datasheet(HTML) 2 Page - BELIMO AIRCONTROLS (USA), INC

  FSTF230US Datasheet HTML 1Page - BELIMO AIRCONTROLS (USA), INC FSTF230US Datasheet HTML 2Page - BELIMO AIRCONTROLS (USA), INC  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Accessories
KH-TF US
TFB(X) crankarm with 5/16” slot.
KH-TF-1 US TFB(X) crankarm with 1/4” slot.
TF-P
Anti-rotation bracket TF/NKQ/AM/NM/LM.
TOOL-06
8 mm and 10 mm wrench.
ZG-TF2
TFB(X) crankarm adaptor kit (T bracket included).
ZG-TF112
TFB(X) crankarm adaptor kit (includes ZG-113).
ZS-100
Weather shield - galvaneal 13x8x6” (LxWxD).
ZS-150
Weather shield - PC w/ foam seal 16x8-3/8x4” (LxWxD).
BAE165 US 165° F electric thermal sensor, SPST, normally closed.
Typical Specification
All smoke and combination fire and smoke dampers shall be provided
with Belimo FSTF, FSLF, FSNF, or FSAF actuators. All substitutions must be
approved before submission of bid. Damper and actuator shall have UL 555S
Listing for 250°F and/or 350°F. Actuator shall have been tested to UL 2043 per
requirements of IMC 602.2 and NEC 300.22 (c). Where position indication is
required -S models with auxiliary switches or damper blade switches will be
provided per code requirements.
Wiring Diagrams
Provide overload protection and disconnect as required.
45
Actuators may be powered in parallel. Power consumption must be
observed.
75
Ground present on some models.
Meets cULus requirements without the need of an electrical ground
connection.
N (Blue)
L1 (Brown)
1 N, L2
2 Hot
1
45
230 VAC
Detector or relay
F&S Damper
21
HOT
To alarm
system
Actuator
N, L2,
or COM
Fusible link F&S
or smoke
damper
Typical smoke or fusible link damper wiring
Detector or relay
F&S Damper
21
HOT
165°F
To alarm
system
Manual
reset
Actuator
N, L2,
or COM
Typical containment damper control wiring
Parallel Actuator Wiring
FSTF230 US Technical Data Sheet
On/Off, Spring Return Fail-Safe, AC 230 V
800-543-9038 USA
866-805-7089 CANADA
203-791-8396 LATIN AMERICA / CARIBBEAN



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com