Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SS220-CFAST Datasheet(PDF) 4 Page - Apacer Technology Inc.

Part # SS220-CFAST
Description  flash memory card
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APACER [Apacer Technology Inc.]
Direct Link  https://www.apacer.com/
Logo APACER - Apacer Technology Inc.

SS220-CFAST Datasheet(HTML) 4 Page - Apacer Technology Inc.

  SS220-CFAST Datasheet HTML 1Page - Apacer Technology Inc. SS220-CFAST Datasheet HTML 2Page - Apacer Technology Inc. SS220-CFAST Datasheet HTML 3Page - Apacer Technology Inc. SS220-CFAST Datasheet HTML 4Page - Apacer Technology Inc. SS220-CFAST Datasheet HTML 5Page - Apacer Technology Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Specifications
Model
SS220-CFast
Interface
SATA 3.0 (6Gb/s)
Connector
(7+17) pin male
Form Factor
CFast
NAND Flash Type
SLC
Capacity
8GB~64GB
External DRAM
YES
Sustained Read Performance (MB/sec)
Up to 520
Sustained Write Performance (MB/sec)
Up to 455
ECC Engine
Built-in 40-bit per 1K bytes BCH ECC
Standard Operating Temperature ( °C )
0 ~ + 70
Extended Operating Temperature ( °C )
-40 ~ + 85
Storage Temperature ( °C )
-40 ~ + 100
Housing
YES
H/W Write Protect
YES
Shock
50G (complied with MIL-STD810)
Vibration
15G (complied with MIL-STD810)
Operating Voltage
3.3V ± 5%
Power Consumption
Active mode: 570 mA / Idle mode: 75 mA
Dimension (L x W x H )
42.8 x 36.4 x 3.6 (mm)
MTBF (hours)
>2,000,000



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com