Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EXPRESS-SL2 Datasheet(PDF) 1 Page - Adlink Technology Inc.

Part # EXPRESS-SL2
Description  COM Express Basic Size Type 2 Module
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADLINK [Adlink Technology Inc.]
Direct Link  https://www.adlinktech.com/en/index
Logo ADLINK - Adlink Technology Inc.

EXPRESS-SL2 Datasheet(HTML) 1 Page - Adlink Technology Inc.

  EXPRESS-SL2 Datasheet HTML 1Page - Adlink Technology Inc. EXPRESS-SL2 Datasheet HTML 2Page - Adlink Technology Inc. EXPRESS-SL2 Datasheet HTML 3Page - Adlink Technology Inc. EXPRESS-SL2 Datasheet HTML 4Page - Adlink Technology Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Express-SL2
COM Express Basic Size Type 2 Module with Mobile 6th Gen Intel® Xeon®,
Core™ and Celeron® Processors
Features
●
PICMG COM.0 Type 2 compliant module with mainstream
processor
●
Dual channel DDR4 ECC/non-ECC memory in dual stacked
SODIMM sockets
●
Single/dual channel 18/24-bit LVDS and VGA
●
Six PCIe x1, one PCI, one PCIe x16 (muxed with DDI channel)
●
Three SATA, one PATA, eight USB 2.0 and GbE
●
Extreme Rugged operating temperature: -40°C to +85°C
(selected SKUs)
Specifications
● Core System
CPU
Mobile 6th Generation Intel® Xeon®, Core™ and Celeron® Processors - 14nm
(formerly”Sky Lake-H”)
• Intel® Xeon® E3-1505M v5 2.8/3.7GHz (Turbo), 45W/35W (cTDP), 4C/GT2
• Intel® Xeon® E3-1505L v5 2/2.8GHz (Turbo), 25W, 4C/GT2
• Intel® Core™ i7-6820EQ 2.8/3.5GHz (Turbo), 45W/35W (cTDP), 4C/GT2
• Intel® Core™ i7-6822EQ 2/2.8GHz (Turbo), 25W, 4C/GT2
• Intel® Core™ i5-6440EQ 2.7/3.4GHz (Turbo), 45W/35W (cTDP), 4C/GT2
• Intel® Core™ i5-6442EQ 1.9/2.7GHz (Turbo), 25W, 4C/GT2
• Intel® Core™ i3-6100E 2.7GHz, 35W, 4C/GT2
• Intel® Core™ i3-6102E 1.9GHz, 25W, 4C/GT2
• Intel® Celeron® G3900E 2.4GHz, 35W, 2C/GT1
• Intel® Celeron® G3902E 1.6GHz, 25W, 2C/GT1
Supports: Intel® VT, Intel® TXT, Intel® SSE4.2, Intel® HT Technology, Intel®
64 Architecture, Execute Disable Bit, Intel® Turbo Boost Technology 2.0,
Intel® AVX2, Intel® AES-NI, PCLMULQDQ Instruction, Intel® Device Protection
Technology with Intel® Secure Key, Intel® TSXNI
Note: Availability of features may vary between processor SKUs.
Memory
1866/2133 MHz DDR4 memory in dual stacked SODIMM sockets
Note: Xeon® with CM236 supports both ECC and non-ECC memory
(Core™ i3/Celeron® available with MOQ)
Embedded BIOS
AMI EFI with CMOS backup in 16MB SPI BIOS with Intel® AMT 11 support
(depends on CPU/PCH)
Cache
8MB for Xeon®/Core™ i7, 6MB for Core™ i5, 3MB for Core™ i3 and 2MB for
Celeron®
PCH
CM236 (supports ECC and non-ECC memory and Intel® AMT)
QM170 (supports Intel® AMT )
HM170 (no Intel® AMT support)
Expansion Busses
PCIe x16 or 2 PCIe x8 or 1 PCIe x8 with 2 PCIe x4 (Gen3, muxed with DDI
channel, build option)
6 PCI Express x1 (Gen3); AB connector, Lanes 0/1/2/3/4/5, supports x4, x2, x1
configurations
1 PCI bus
LPC bus, SMBus (system) , I2C (user)
SEMA Board Controller
Supports: Voltage/current monitoring, power sequence debug support,
AT/ATX mode control, logistics and forensic information, flat panel control,
general purpose I2C, failsafe BIOS (dual BIOS ), watchdog timer and fan
control
Debug Headers
40-pin multipurpose flat cable connector for use with DB-40 debug module
providing BIOS POST code LED, BMC access, SPI BIOS flashing, power
testpoints, debug LEDs
● Video
GPU Feature Support
Intel® Generation 9 Graphics Core Architecture, supporting 3 independent
and simultaneous display combinations of VGA, LVDS (or optional eDP),
optional DisplayPort/HDMI outputs (DisplayPort/HDMI from DDI channel
muxed with PEG port)
• Encode/transcode HD content
• Playback of high definition content including Blu-ray Disc
• Playback of Blu-ray Disc 3D content using HDMI (1.4a spec compliant with 3D)
• DirectX Video Acceleration (DXVA) support for accelerated video
processing
• HEVC/H.265, H.264, M/JPEG, MPEG2, VC1, WMV9, VP8/VP9 HW decode
• HEVC/H.265, M/JPEG, MPEG2 HW encode
• Advanced Scheduler 2.0, 1.0, XPDM support
• DirectX 12, DirectX 11.3, DirectX 11, DirectX 10.1, DirectX 10, DirectX 9
support
• OpenGL up to 4.4, OpenCL up to 2.1 support
Digital Display Interface
DDI1/2 are muxed with PEG port, build option feature, supporting
DisplayPort 1.2, HDMI 1.4, DVI
Notes:
DP1.2: max. resolution 4096x2304 @ 60Hz, 24bpp
HDMI 1.4: max. resolution 4096x2160 @ 24Hz, 24bpp
VGA
VGA support from DP-to-VGA IC
LVDS
Single/dual channel 18/24-bit LVDS from eDP-to-LVDS IC (max. resolution
1920x1200@60Hz in dual mode)
eDP
4 lane support optional, in place of LVDS (build option, max. resolution
4096x2304 @60Hz, 24bpp)


Similar Part No. - EXPRESS-SL2

ManufacturerPart #DatasheetDescription
logo
Adlink Technology Inc.
EXPRESS-SL ADLINK-EXPRESS-SL Datasheet
551Kb / 4P
COM Express Basic Size Type 6 Module
EXPRESS-SL-G3900E ADLINK-EXPRESS-SL-G3900E Datasheet
551Kb / 4P
COM Express Basic Size Type 6 Module
EXPRESS-SL-I3-6100E ADLINK-EXPRESS-SL-I3-6100E Datasheet
551Kb / 4P
COM Express Basic Size Type 6 Module
EXPRESS-SL-I3-6102E ADLINK-EXPRESS-SL-I3-6102E Datasheet
551Kb / 4P
COM Express Basic Size Type 6 Module
EXPRESS-SL-I5-6440EQ ADLINK-EXPRESS-SL-I5-6440EQ Datasheet
551Kb / 4P
COM Express Basic Size Type 6 Module
More results

Similar Description - EXPRESS-SL2

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
EMETXE-I9455 ETC2-EMETXE-I9455 Datasheet
289Kb / 2P
Intel Core 2 Duo COM Express Basic Type 2 CPU Module
logo
Advantech Co., Ltd.
SOM-5897 ADVANTECH-SOM-5897_17 Datasheet
883Kb / 2P
Processors COM Express Basic Module
logo
Adlink Technology Inc.
CEXPRESS-BT2 ADLINK-CEXPRESS-BT2 Datasheet
584Kb / 4P
COM Express Compact Size Type 2 Module
EXPRESS-BL ADLINK-EXPRESS-BL Datasheet
273Kb / 4P
COM Express Basic Size Type 6 Module
EXPRESS-CF ADLINK-EXPRESS-CF Datasheet
515Kb / 4P
COM Express Basic Size Type 6 Module
EXPRESS-HL ADLINK-EXPRESS-HL Datasheet
287Kb / 4P
COM Express Basic Size Type 6 Module
EXPRESS-SL ADLINK-EXPRESS-SL Datasheet
551Kb / 4P
COM Express Basic Size Type 6 Module
EXPRESS-KL2 ADLINK-EXPRESS-KL2 Datasheet
599Kb / 4P
COM Express Basic Size Type 2 Module
EXPRESS-KL ADLINK-EXPRESS-KL Datasheet
278Kb / 4P
COM Express Basic Size Type 6 Module
EXPRESS-HLE ADLINK-EXPRESS-HLE Datasheet
275Kb / 4P
COM Express Basic Size Type 6 Module
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com