Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EXPRESS-SL Datasheet(PDF) 1 Page - Adlink Technology Inc.

Part # EXPRESS-SL
Description  COM Express Basic Size Type 6 Module
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADLINK [Adlink Technology Inc.]
Direct Link  https://www.adlinktech.com/en/index
Logo ADLINK - Adlink Technology Inc.

EXPRESS-SL Datasheet(HTML) 1 Page - Adlink Technology Inc.

  EXPRESS-SL Datasheet HTML 1Page - Adlink Technology Inc. EXPRESS-SL Datasheet HTML 2Page - Adlink Technology Inc. EXPRESS-SL Datasheet HTML 3Page - Adlink Technology Inc. EXPRESS-SL Datasheet HTML 4Page - Adlink Technology Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Express-SL/SLE
COM Express Basic Size Type 6 Module with 6th Gen Intel® Core™,
Intel® Xeon® and Celeron® Processor
Features
●
6th Gen Intel® Core™, Intel® Xeon® and Celeron® Processor
●
Up to 32 GB Dual Channel DDR4 at 1867/2133 MHz
(supports both ECC and non-ECC memory)
●
3x DDI channels, 1x LVDS (or 4 lanes eDP)
supports up to 3 independent displays
●
8x PCIe x1 (Gen3) and 1x PCIe x16 (Gen3)
●
GbE, 4x SATA 6 Gb/s, 4x USB 3.0 and 4x USB 2.0
●
Supports Smart Embedded Management Agent (SEMA®) functions
●
Extreme Rugged operating temperature: -40°C to +85°C (build option)
New
Specifications
● Core System
CPU
Mobile Intel® Xeon®, Core™ and Celeron® Processors - 14nm
Xeon® E3-1515M v5 2.8/3.7GHz (Turbo), 45W (4C/GT4e)
Xeon® E3-1505M v5 2.8/3.7GHz (Turbo), 45W (4C/GT2)
Xeon® E3-1505L v5 2.0/2.8GHz (Turbo), 25W (4C/GT2)
Core™ i7-6820EQ 2.8/3.5GHz (Turbo), 45W (4C/GT2)
Core™ i7-6822EQ 2.0/2.8GHz (Turbo), 25W (4C/GT2)
Core™ i5-6440EQ 2.7/3.4GHz (Turbo), 45W (4C/GT2)
Core™ i5-6442EQ 1.9/2.7GHz (Turbo), 25W (4C/GT2)
Core™ i3-6100E 2.7GHz (no Turbo), 35W (2C/GT2)
Core™ i3-6102E 1.9GHz (no Turbo), 25W (2C/GT2)
Celeron® G3900E 2.4GHz (no Turbo), 35W (2C/GT1)
Supports: Intel® VT, Intel® TXT, Intel® SSE4.2, Intel® HT Technology, Intel® 64
Architecture, Execute Disable Bit, Intel® Turbo Boost Technology 2.0, Intel®
AVX2, Intel® AES-NI, PCLMULQDQ Instruction, Intel® Secure Key and Intel® TSX.
Note: Availability of the features may vary between processor SKUs.
Memory
Dual channel 1867/2133 MHz DDR4 memory up to 32GB in dual SODIMM
sockets (ECC/non-ECC support dependent on selected CPU/PCH)
Embedded BIOS
AMI EFI with CMOS backup in 16MB SPI BIOS with Intel® AMT 11.0 support
Cache
8MB for Xeon® and Core™ i7, 6MB for Core™ i5, 3MB for Core™ i3, 2MB for Celeron®
PCH
CM236 (supports ECC memory, Intel® AMT)
QM170 (supports non-ECC, Intel® AMT)
HM170 (supports non-ECC, no Intel® AMT support)
Expansion Busses
PCIe x16 or 2 PCIe x8 or 1 PCIe x8 with 2 PCIe x4 (Gen3)
6 PCI Express x1 (Gen3); AB connector, Lanes 0/1/2/3/4/5
2 PCI Express x2 (Gen3): CD connector, Lanes 6/7
LPC bus, SMBus (system) , I2C (user)
Debug Headers
40-pin flat cable connector for use with DB-40 debug module providing BIOS
POST code LED, BMC access, SPI BIOS flashing, power testpoints, debug LEDs
60-pin XDP header for ICE debug of CPU/chipset
● Video
GPU Feature Support
Intel® Generation 9 LP Graphics Core Architecture, supporting 3 independent
and simultaneous display combinations of DisplayPort/HDMI/LVDS or eDP
outputs
Hardware encode/transcode
HD content (including HEVC) DirectX 12, DirectX 11.2, DirectX 11.1, DirectX
11, DirectX 10.1, DirectX 10, DirectX 9 support OpenGL 4.4/4.3 and ES 2.0
support
OpenCL 2.1, 2.0/1.2 support
Digital Display Interface
DDI1/2/3 supporting DisplayPort/HDMI/DVI
LVDS
Single/dual channel 18/24-bit LVDS from eDP-to-LVDS IC
eDP
4 lane support optional, in place of LVDS
● Audio
Chipset
Intel® HD Audio integrated in chipset
Audio Codec
located on carrier Express-BASE6 (ALC886 standard supported)
● Ethernet
Intel® MAC/PHY: i219LM/V (LM with AMT 11.0 support)
Interface: 10/100/1000 GbE connection
Note: “build option” indicates an alternative BOM configuration to support additional or alternative functions that are not available on the standard product.
Be aware that these “build option” part numbers will need to be newly created and this will result in production lead times.


Similar Part No. - EXPRESS-SL

ManufacturerPart #DatasheetDescription
logo
Adlink Technology Inc.
EXPRESS-SL2 ADLINK-EXPRESS-SL2 Datasheet
597Kb / 4P
COM Express Basic Size Type 2 Module
EXPRESS-SL2-G3902E ADLINK-EXPRESS-SL2-G3902E Datasheet
597Kb / 4P
COM Express Basic Size Type 2 Module
EXPRESS-SL2-I3-6100E ADLINK-EXPRESS-SL2-I3-6100E Datasheet
597Kb / 4P
COM Express Basic Size Type 2 Module
EXPRESS-SL2-I5-6440EQ ADLINK-EXPRESS-SL2-I5-6440EQ Datasheet
597Kb / 4P
COM Express Basic Size Type 2 Module
EXPRESS-SL2-I5-6442EQ ADLINK-EXPRESS-SL2-I5-6442EQ Datasheet
597Kb / 4P
COM Express Basic Size Type 2 Module
More results

Similar Description - EXPRESS-SL

ManufacturerPart #DatasheetDescription
logo
Adlink Technology Inc.
CEXPRESS-HL ADLINK-CEXPRESS-HL Datasheet
306Kb / 4P
COM Express Compact Size Type 6 Module
CEXPRESS-WL ADLINK-CEXPRESS-WL Datasheet
447Kb / 4P
COM Express Compact Size Type 6 Module
EXPRESS-BL ADLINK-EXPRESS-BL Datasheet
273Kb / 4P
COM Express Basic Size Type 6 Module
EXPRESS-CF ADLINK-EXPRESS-CF Datasheet
515Kb / 4P
COM Express Basic Size Type 6 Module
EXPRESS-CFR ADLINK-EXPRESS-CFR Datasheet
512Kb / 4P
COM Express짰 Basic Size Type 6 Module
EXPRESS-HL ADLINK-EXPRESS-HL Datasheet
287Kb / 4P
COM Express Basic Size Type 6 Module
EXPRESS-SL2 ADLINK-EXPRESS-SL2 Datasheet
597Kb / 4P
COM Express Basic Size Type 2 Module
EXPRESS-KL2 ADLINK-EXPRESS-KL2 Datasheet
599Kb / 4P
COM Express Basic Size Type 2 Module
EXPRESS-KL ADLINK-EXPRESS-KL Datasheet
278Kb / 4P
COM Express Basic Size Type 6 Module
EXPRESS-HLE ADLINK-EXPRESS-HLE Datasheet
275Kb / 4P
COM Express Basic Size Type 6 Module
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com