Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMS200S3/480G Datasheet(PDF) 2 Page - Kingston Technology Far East Co. Ltd

Part # SMS200S3/480G
Description  Save space, time and money.
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KINGSTON [Kingston Technology Far East Co. Ltd]
Direct Link  https://www.kingston.com/
Logo KINGSTON - Kingston Technology Far East Co. Ltd

SMS200S3/480G Datasheet(HTML) 2 Page - Kingston Technology Far East Co. Ltd

  SMS200S3/480G Datasheet HTML 1Page - Kingston Technology Far East Co. Ltd SMS200S3/480G Datasheet HTML 2Page - Kingston Technology Far East Co. Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
THIS DOCUMENT SUBJECT TO CHANGE WITHOUT NOTICE.
©2017 Kingston Technology Europe Co LLP und Kingston Digital Europe Co LLP, Kingston Court, Brooklands Close,
Sunbury-on-Thames, Middlesex, TW16 7EP, England. All rights reserved. All trademarks and registered trademarks
are the property of their respective owners.
EN
FEATURES/BENEFITS
> mSATA interface — fully compliant with industry standard, easy to fit,
guaranteed to work
> NAND Flash memory based — shock-resistant with low power
consumption
> Supports Intel’s SRT — combines capacity advantage of HDD with
performance improvements of SSD in dual-storage configuration
> Supports SMART — monitors the status of your drive
> Supports TRIM — maintains maximum performance on compatible
operating systems
> Guaranteed — three-year warranty,free technical support
This SSD is designed for use in desktop and notebook computer workloads and is not intended for
server environments.
1 Some of the listed capacity on a Flash storage device is used for formatting and other functions and
is thus not available for data storage. As such, the actual available capacity for data storage is less
than what is listed on the products. For more information, go to Kingston’s Flash Memory Guide at
kingston.com/flashguide.
2 Based on “out-of-box performance”. Speed may vary due to host hardware, software and usage.
3 Total Bytes Written (TBW) is derived from the JEDEC Workload (JESD219A).
4 Drive Writes Per Day (DWPD)
KINGSTON PART NUMBERS
MKD-264.6
mS200 SSD
SMS200S3/60G
SMS200S3/120G
SMS200S3/240G
SMS200S3/480G
SPECIFICATIONS
> Form factor mSATA
> Interface SATA Rev. 3.0 (6Gb/s), SATA Rev. 2.0 (3Gb/s), SATA Rev. 1.0 (1.5Gb/s)
> Capacities1
60GB, 120GB, 240GB, 480GB
> Controller SandForce-SF2241
> Automatic encryption (AES 128-bit) Password at the drive level ensures
secure data protection
> Sequential read/write2
60GB, 120GB – 550MB/s / 520MB/s
240GB – 540MB/s / 530MB/s
480GB – 530MB/s / 340MB/s
> Maximum 4k read/write2
60GB – up to 86,000/ up to 79,000 IOPS
120GB – up to 86,000/ up to 48,000 IOPS
240GB – up to 72,000/ up to 40,000 IOPS
480GB – up to 72,000/ up to 18,000 IOPS
> Random 4k read/write2
60GB – up to 14,000/77,000 IOPS
120GB – up to 17,000/45,000 IOPS
240GB – up to 21,000/41,000 IOPS
480GB – up to 21,000/13,000 IOPS
> PCMARK® Vantage HDD Suite score 60,000
> Power consumption 0.4W idle / 1.2 (TYP) read / 1.8W (TYP) write
> Storage temperature -40°C ~ 85°C
> Operating temperature 0°C ~ 70°C
> Dimensions 50.88mm x 30mm
> Weight 6.86g
> TRIM Supported
> Vibration operating 2.17G
> Vibration non-operating 20G
> MTTF 1,000,000 hrs
> Warranty/support three-year warranty with free technical support
> Total Bytes Written (TBW)3
60GB: 218TB 3 DWPD4
120GB: 337TB 2 DWPD4
240GB: 585TB 2 DWPD4
480GB: 1562TB 3 DWPD4



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com