Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IQ2012 Datasheet(PDF) 3 Page - ifm electronic Ltd.

Part # IQ2012
Description  Inductive sensor
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IFM [ifm electronic Ltd.]
Direct Link  https://www.ifm.com/
Logo IFM - ifm electronic Ltd.

IQ2012 Datasheet(HTML) 3 Page - ifm electronic Ltd.

  IQ2012 Datasheet HTML 1Page - ifm electronic Ltd. IQ2012 Datasheet HTML 2Page - ifm electronic Ltd. IQ2012 Datasheet HTML 3Page - ifm electronic Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
IQ2012
Inductive sensor
IQ23008BBPKG/K1/0.3M/PUR/US
ifm efector, inc. • 1100 Atwater Drive • Malvern • PA 19355 — We reserve the right to make technical alterations without prior notice. — EN-US — IQ2012-00 — 26.09.2019 —
Remarks
Pack quantity
1 pcs.
Electrical connection
Cable: 0.3 m, PUR, Ø 4.9 mm; 3 x 0.34 mm²
Connector: 1 x M12
Connection



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com