Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RG402 Datasheet(PDF) 2 Page - Pasternack Enterprises, Inc.

Part # RG402
Description  RG402 Coax Cable with Copper Outer Conductor
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

RG402 Datasheet(HTML) 2 Page - Pasternack Enterprises, Inc.

  RG402 Datasheet HTML 1Page - Pasternack Enterprises, Inc. RG402 Datasheet HTML 2Page - Pasternack Enterprises, Inc. RG402 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
-
Pasternack does not make
2
Construction Specifications
Description
Material and Plating
Diameter
Inner Conductor
Copper Clad Steel, Silver, 1 Strand
0.036 in 0.91 mm
.
Conductor Type
Solid
.
Dielectric
PTFE
0.118 in [3 mm]
.
Outer Conductor
Copper
.141
.
Jacket
Tan
.
Environmental Specifications
Temperature
Operating Range
-55 to +125 deg C
Compliance Certifications (see product page for current document)
Plotted and Other Data
Notes:
RG402 Coax Cable with Copper Outer Conductor from Pasternack Enterprises has same day shipment for domestic and
International orders. Our RF, microwave and millimeter wave products maintain a 99.4% availability and are part of the
broadest selection in the industry.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: RG402 Coax Cable with Copper Outer Conductor RG402/U
URL: https://www.pasternack.com/semirigid-0.141-rg402-50-ohm-coax-cable-copper-rg402-u-p.aspx
RG402/U REV 1.3
RG402 Coax Cable with Copper Outer Conductor
RG402/U
RF Cables
Technical Data Sheet



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com