Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SM9D Datasheet(PDF) 8 Page - Silicon Microstructures, Inc.

Part # SM9D
Description  Uncompensated SO-16 Pressure Sensor
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMI [Silicon Microstructures, Inc.]
Direct Link  https://www.si-micro.com/
Logo SMI - Silicon Microstructures, Inc.

SM9D Datasheet(HTML) 8 Page - Silicon Microstructures, Inc.

  SM9D Datasheet HTML 1Page - Silicon Microstructures, Inc. SM9D Datasheet HTML 2Page - Silicon Microstructures, Inc. SM9D Datasheet HTML 3Page - Silicon Microstructures, Inc. SM9D Datasheet HTML 4Page - Silicon Microstructures, Inc. SM9D Datasheet HTML 5Page - Silicon Microstructures, Inc. SM9D Datasheet HTML 6Page - Silicon Microstructures, Inc. SM9D Datasheet HTML 7Page - Silicon Microstructures, Inc. SM9D Datasheet HTML 8Page - Silicon Microstructures, Inc. SM9D Datasheet HTML 9Page - Silicon Microstructures, Inc.  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
+1-(408) 577-0100 | sales@si-micro.com I www.si-micro.com
27
45
131
167
170
175
169
0
61
DOC # 40DS9509.04
Silicon Microstructures, Inc. 2001-2018. All rights reserved
SM9G, SM9D Series
www.si-micro.com
Order Code
Pressure Type
Full-Scale
Pressure Range
Cap
Configuration
Shipping
Configuration
SM9D-BCK-T-001S-000
Differential
0.15 PSI
Dual Vertical
Tape & Reel
350 devices per reel
SM9D-BCK-T-006S-000
0.60 PSI
SM9D-BCK-T-015S-000
1.50 PSI
SM9D-BBK-T-001S-000
Differential
0.15 PSI
Dual Horizontal
Tape & Reel
500 devices per reel
SM9D-BBK-T-006S-000
0.60 PSI
SM9D-BBK-T-015S-000
1.50 PSI
SM9G-BGK-T-001S-000
Gage
0.15 PSI
Single Vertical
Tape & Reel
400 devices per reel
SM9G-BGK-T-006S-000
0.60 PSI
SM9G-BGK-T-015S-000
1.50 PSI
Ordering Information
Qualification Standards
• REACH compliant
• RoHS compliant
• PFOS/PFOA compliant
• For qualification specifications please contact Sales at sales@si-micro.com
Part Number Legend
Page 8
SM9D BCK T 006S 000
Counter
Operating
Temp Range:
-40ºC to +85ºC
SO16 Porting Options
BB = dual horizontal
BC = dual vertical
BG = single vertical
D = Differential
G = Gage
T: Tape & Reel
S: Stick
Low Pressure Range
Silicon
Microstructures
001 = 0.15 PSI
006 = 0.60 PSI
015 = 1.50 PSI
Units = PSI



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com