Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

4800X Datasheet(PDF) 3 Page - ebm-papst

Part # 4800X
Description  Product Data Sheet 4800 X
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EBMPAPST [ebm-papst]
Direct Link  http://www.ebmpapst.com
Logo EBMPAPST - ebm-papst

4800X Datasheet(HTML) 3 Page - ebm-papst

  4800X Datasheet HTML 1Page - ebm-papst 4800X Datasheet HTML 2Page - ebm-papst 4800X Datasheet HTML 3Page - ebm-papst 4800X Datasheet HTML 4Page - ebm-papst 4800X Datasheet HTML 5Page - ebm-papst 4800X Datasheet HTML 6Page - ebm-papst 4800X Datasheet HTML 7Page - ebm-papst 4800X Datasheet HTML 8Page - ebm-papst 4800X Datasheet HTML 9Page - ebm-papst  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
Product Data Sheet 4800 X
07/24/2014
page 3 of 9
1
General
Fan type
Fan
Rotational direction looking at rotor
clockwise
Airflow direction
Air intake over struts
Bearing system
Sleeve bearing
Mounting position
any
Balancing grade
2,5
2
Mechanics
2.1
General
Width
119,0 mm
Height
119,0 mm
Depth
38,0 mm
Diameter
0,0 mm
Weight
0,520 kg
Housing material
Metal
Impeller material
Metal
Max. torque when mounted across both mounting
flanges
wire outlet corner: 160 Ncm
remaining corners: 160 Ncm
Screw size
ISO 4762 - M3 degreased, without an additional
brace and without washer



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com