Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RSC-R2UW-4E8 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # RSC-R2UW-4E8
Description  Riser Cards (X9)
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

RSC-R2UW-4E8 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  RSC-R2UW-4E8 Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
104
Server Building Block Solutions® April 2012
Riser Cards (X9)
Model
RSC-R2UU-UAX RSC-R2UU-2U
RSC-R2UU-
A4E8+
RSC-R2UU-
UA3E8+
RSC-R2UU-
3E8G
RSC-R2UU-
U2E4E8G
RSC-R2UU-
E8E16
RSC-R2U-E8
RSC-R2UT-2E8R
RSC-R2UT-E16R
Position
UIO 2U LHS
UIO 2U LHS
UIO 2U LHS
UIO 2U LHS
UIO 2U LHS
UIO 2U LHS
UIO 2U LHS
2U LHS
2U RHS
2U RHS
Motherboard Fit
Type
Universal Slot
(UIO)
Universal Slot
(UIO)
Universal Slot
(UIO)
Universal Slot
(UIO)
Universal Slot
(UIO)
Universal Slot
(UIO)
Universal Slot
(UIO)
PCI-E x8 Slot
PCI-E x16 Slot
PCI-E x16 Slot
Riser Card Output
Type
1 UIO,
3 PCI-X
(133/100/66 MHz)
2 UIO
4 PCI-E x8
1 UIO,
3 PCI-E x8
3 PCI-E x8
1 UIO,
2 PCI-E x4,
1 PCI-E x8
1 PCI-E x16,
1 PCI-E x8
1 PCI-E x8 Slot
2 PCI-E x8
1 PCI-E x16
Design Type
Active
Passive
Active
Active
Passive
Passive
Passive
Passive
Passive
Passive
Chassis
UIO Chassis*
UIO Chassis*
UIO Chassis*
UIO Chassis*
UIO Chassis*
UIO Chassis*
UIO Chassis*
SC216*, SC825*,
SC826*
SC827H-R1400B,
SC827T-R1200
SC827H-R1400B,
SC827T-R1200
Gen2 Support
Yes
Yes
Yes
Yes
Yes
Yes
Yes
No
Yes
Yes
Gen3 Support
Yes
Yes
Yes
Yes
Yes
Yes
Yes
No
Yes
Yes
GPU Support
No
No
No
No
No
No
No
No
No
Yes
* For detailed information, please contact your Supermicro sales representative; or, visit: http://www.supermicro.com/support/resources/Riser/riser.aspx
Model
RSC-R1U-UT
RSC-R1UU-E8PR* RSC-R1UG-E16R-X9 RSC-R1UG-UR-X9 RSC-R1UG-E16AR-X9 RSC-R1U-E8R
RSC-R1U-E16R
RSC-R2UG-E8G-X9 RSC-R2UU-A3XE8
Position
1U RHS
UIO 1U RHS
1U RHS
1U RHS
1U RHS
1U RHS
1U RHS
2U LHS
UIO 2U LHS
Motherboard Fit
Type
Universal UIO
PCI-E x8
PCI-E x16
PCI-E x8
PCI-E x16
PCI-E x8
PCI-E x16
2 PCI-E x8
Universal Slot (UIO)
Riser Card Output
Type
1 UIO
PCI-E x8
PCI-E x16
UIO
PCI-E x16
1 PCI-E x8
1 PCI-E x16
2 PCI-E x8
1 PCI-E x8, 3 PCI-X
(133/100/66 MHz)
Design Type
Passive
Passive
Passive
Passive
Passive
Passive
Passive
Passive
Active
Chassis
SC808T, SC809T/TQ UIO Chassis*
SC118GQ-R1800B
SC118GQ-R1800B
SC118GQ-R1800B
SC808, SC809
SC818T
SC218GTS-R1800B UIO Chassis*
Gen2 Support
Yes
Yes
Yes
Yes
Yes
Yes
Yes
Yes
Yes
Gen3 Support
Yes
Yes
Yes
Yes
Yes
Yes
Yes
Yes
Yes
GPU Support
No
No
Yes
No
Yes
No
No
No
No
Model
RSC-R1UG-E16R-UP
RSC-R1UG-2E8G-UP
RSC-R1UG-2E8GR-UP
RSC-R1UG-UR
RSC-R1UG-E16B-X9 RSC-RR1U-E16
RSC-RR1U-E8
RSC-R1UT-E16
RSC-R1UU-E4R
Position
1U RHS
1U LHS
1U RHS
1U RHS
1U LHS
1U LHS
1U LHS
1U LHS
UIO 1U RHS
Motherboard Fit
Type
PCI-E x16
(UP only, X9 and after)
PCI-E x16
(UP only, X9 and after)
PCI-E x16
(UP only, X9 and after)
PCI-E x8
PCI-E x16
PCI-E x16
PCI-E x8
PCI-E x16
PCI-E x8
Riser Card Output
Type
PCI-E x16
2 PCI-E x8
2 PCI-E x8
1 UIO
PCI-E x16
1 PCI-E x8
1 PCI-E x8
PCI-E x16
1 PCI-E x4
Design Type
Passive
Passive
Passive
Passive
Passive
Passive
Passive
Passive
Passive
Chassis
SC118GQ-R1800B
SC118GQ-R1800B
SC118GQ-R1800B
SC118GQ-R1800B
SC118GQ-R1800B
SC811, SC812, SC813,
SC815, SC502, SC512,
SC113, SC111,
SC811, SC812, SC813,
SC818+, SC815, SC502,
SC512, SC512F, SC510L,
SC113, SC111,
SC808T, SC809T
UIO Chassis*
Gen2 Support
Yes
Yes
Yes
Yes
Yes
Yes
Yes
Yes
Yes
Gen3 Support
Yes
Yes
Yes
Yes
Yes
Yes
Yes
Yes
Yes
GPU Support
Yes
No
No
No
Yes
No
No
No
No
Model
RSC-R2UT-E8E16R RSC-R1UU-2U
RSC-R1UU-E16
RSC-R1UU-UAX
RSC-R1UU-AXE8 RSC-R1UU-E8E16 RSC-R1UU-UE16
RSC-R1UG-E16A-X9 RSC-R1UG-E16-UP
Position
2U RHS
UIO 1U LHS
UIO 1U LHS
UIO 1U LHS
UIO 1U LHS
UIO 1U LHS
UIO 1U LHS
1U LHS
1U LHS
Motherboard Fit
Type
PCI-Ex16 PCI-Ex8
Universal Slot (UIO) Universal Slot (UIO) Universal Slot (UIO) Universal Slot (UIO) Universal Slot (UIO) Universal Slot (UIO) PCI-E x16
PCI-E x16
(UP only, X9 and after)
Riser Card Output
Type
PCI-Ex16 PCI-Ex9
2 UIO (PCI-E x8)
1 PCI-E x16
1 UIO (PCI-E x8),
1 PCI-X (133/100/66
MHz)
1 PCI-X (133/100/66
MHz), PCI-E x8
1 PCI-E x8,
PCI-E x16
1 UIO(PCI-E x8)
1 PCI-E x16
PCI-E x16
PCI-E x16
Design Type
Passive
Passive
Passive
Active
Active
Passive
Passive
Passive
Passive
Chassis
SC827H-R1400B , SC827T-
R1200
UIO Chassis*
UIO Chassis*
UIO Chassis*
UIO Chassis*
UIO Chassis*
UIO Chassis*
SC118GQ-R1800B
SC118GQ-R1800B
Gen2 Support
Yes
Yes
Yes
Yes
Yes
Yes
Yes
Yes
Yes
Gen3 Support
Yes
Yes
Yes
Yes
Yes
Yes
Yes
Yes
Yes
GPU Support
Yes
No
No
No
No
No
No
Yes
Yes
Model
RSC-R1UG-
2E8GR-UP
RSC-R1UW-E8R RSC-R2UW+-
2E16-2E8
RSC-R2UG-
E8G-X9
RSC-R2UG-2E16-
X9
RSC-R2UW-4E8 RSC-R1UW-2E16 RSC-R2UW-2E8R RSC-R2UW-E8R RSC-R2UT-3E8R
Position
1U RHS
WIO 1U RHS
WIO 2U LHS
2U LHS
2U LHS
WIO 2U LHS
WIO 2U LHS
WIO 2U RHS
WIO 2U RHS
2U RHS
Motherboard Fit
Type
PCI-E X16
PCI-E X8
3 PCI-E X16
PCI-E X8
2 PCI-E X16
2 PCI-E X16
2 PCI-E X16
PCI-E X16
PCI-E X16
PCI-Ex16 PCI-Ex8
Riser Card Output
Type
2 PCI-E X8
PCI-E X8
2 PCI-E X16,
2PCI-E X8
PCI-E X8
2 PCI-E X16
4 PCI-E X8
2 PCI-E X16
2 PCI-E x8
1 PCI-E x8
3 PCI-E X8
Design Type
Passive
Passive
Passive
Passive
Passive
Passive
Passive
Passive
Passive
Passive
Chassis
SC118GQ
SC119TQ-R700WB+,
SC819TQ-R700WB+,
SC-825TQ-R500WB
SC219A-R920WB+/
SC829TQ-R920WB+
SC732D/i
SC732D/i-865B
SC732D/i-865B
SC113TQ-600WB/
R700WB/119TQ-R700WB+/
SC815TQ-600WB/R700WB/
SC819TQ-R700WB+,
SC-825TQ-R500WB
SC732D/i-865B
SC113TQ-600WB/
R700WB/119TQ-R700WB+/
SC815TQ-600WB/R700WB/
SC819TQ-R700WB+
SC825TQ-R500WB
SC732D/i-865B
SC113TQ-600WB/
R700WB/119TQ-R700WB+/
SC815TQ-600WB/R700WB/
SC819TQ-R700WB+
SC825TQ-R500WB
SC827H-R1400B , SC827T-
R1200
Auto Detection
Yes
Yes
Yes
Yes
Yes
Yes
Yes
Yes
No
Yes
Gen2 support
Yes
Yes
Yes
Yes
Yes
Yes
Yes
Yes
Yes
Yes
Gen3 support
Yes
Yes
Yes
Yes
Yes
Yes
Yes
Yes
Yes
Yes
GPU support
No
No
Yes
No
Yes
No
Yes
No
No
No


Similar Part No. - RSC-R2UW-4E8

ManufacturerPart #DatasheetDescription
logo
Turck, Inc.
RSC-RKC-572-2M TURCK-RSC-RKC-572-2M Datasheet
898Kb / 3P
Cable for DeviceNet and CANopen – Extension Cable
06/07/2023
More results

Similar Description - RSC-R2UW-4E8

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
PCM-110 ADVANTECH-PCM-110 Datasheet
286Kb / 1P
Riser Cards & I/O Modules
PCM-233A ADVANTECH-PCM-233A Datasheet
268Kb / 1P
Riser Cards
logo
HuaXinAn Electronics CO...
HA2R75E HUAXINAN-HA2R75E Datasheet
194Kb / 2P
PCI Cards protection
HA3R75A HUAXINAN-HA3R75A Datasheet
206Kb / 2P
PCI Cards protection
HA3R75D HUAXINAN-HA3R75D Datasheet
238Kb / 4P
PCI Cards protection
logo
Advantech Co., Ltd.
AIMB-R4104 ADVANTECH-AIMB-R4104 Datasheet
295Kb / 1P
Riser Cards
AIMB-RF10F-01A1E ADVANTECH-AIMB-RF10F-01A1E Datasheet
295Kb / 1P
Riser Cards
PCM-10586-9562E ADVANTECH-PCM-10586-9562E_14 Datasheet
183Kb / 1P
Cable kit , Riser Cards & I/O modules
AIMB-RP10P-01A1E ADVANTECH-AIMB-RP10P-01A1E_14 Datasheet
308Kb / 1P
Riser Cards
AIMB-RP10P-01A1E ADVANTECH-AIMB-RP10P-01A1E_V01 Datasheet
892Kb / 2P
Riser Cards & Add on Cards
30-Aug-2017
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com