Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SA2U1-B3S4-R Datasheet(PDF) 1 Page - Silicom Ltd.

Part # SA2U1-B3S4-R
Description  Supermicro 2U825 SETAC Solution
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILICOM [Silicom Ltd.]
Direct Link  https://www.silicom-usa.com/
Logo SILICOM - Silicom Ltd.

SA2U1-B3S4-R Datasheet(HTML) 1 Page - Silicom Ltd.

  SA2U1-B3S4-R Datasheet HTML 1Page - Silicom Ltd. SA2U1-B3S4-R Datasheet HTML 2Page - Silicom Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Silicom Ltd. Connectivity Solutions
Page
1
Supermicro 2U825
Supermicro 2U825 SETAC Solution
Product Description
Silicom SETAC introduces a unique new concept to the appliance
industry: the use of a simple kit to allow branded, high- technology
servers to be configured as hardware appliances.
By using Silicom SETAC with a standard server, you create an ideal
network appliance that delivers the best of both worlds: server-grade reliability and front-end access, together with field-replaceable
architecture and a stable state-of-the-art technology environment.
Key Features
Complete family of appliance platforms from 1U to 3U
Full integration of SETAC-technology
Solution with the maximum port density on the market
Supermicro chassis design and dimensions
Technical Specifications
General Technical Specifications
2U
Specifications
Dimensions (WxHxD)
17.2″ (437) X 3.5″ (89mm) X 17.7″ (450mm)
Type
2U Rackmount
Power Supply
700W (1+1) Redundant w/PFC
Mainboard
mini-ITX, ATX, eATX (long version only)
Front Bays
x3 max
Front Modules
7x low-profile expansion slots


Similar Part No. - SA2U1-B3S4-R

ManufacturerPart #DatasheetDescription
logo
rfsolutions.ltd
SA2 RFSOLUTIONS-SA2 Datasheet
676Kb / 2P
Stereo headphones amplifier
logo
Rectron Semiconductor
SA2 RECTRON-SA2 Datasheet
314Kb / 4P
SURFACE MOUNT SILICON RECTIFIER VOLTAGE RANGE 50 to 1000 Volts CURRENT 1.0 Ampere
SA2 RECTRON-SA2 Datasheet
136Kb / 6P
SURFACE MOUNT SILICON RECTIFIER
logo
France Joint
SA2 FRANCEJOINT-SA2 Datasheet
430Kb / 4P
STANDARD SHAFT SEALS
logo
Bourns Electronic Solut...
SA2-2400-CBB-STD BOURNS-SA2-2400-CBB-STD Datasheet
326Kb / 4P
SA2 Series High Voltage Gas Discharge Tube
More results

Similar Description - SA2U1-B3S4-R

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
X8STI ETC1-X8STI Datasheet
8Mb / 109P
Supermicro Mainboard
X9DR3-F ETC1-X9DR3-F Datasheet
10Mb / 111P
Supermicro Mainboard
X9DR7-TF ETC1-X9DR7-TF Datasheet
13Mb / 117P
Supermicro Mainboard
X9DRL-3F ETC1-X9DRL-3F Datasheet
8Mb / 105P
Supermicro Mainboard
X9DRW-3F ETC1-X9DRW-3F Datasheet
7Mb / 107P
Supermicro Mainboard
X9QR7-TF ETC1-X9QR7-TF Datasheet
12Mb / 113P
Supermicro Mainboard
X9SPU-F ETC1-X9SPU-F Datasheet
7Mb / 107P
Supermicro Mainboard
logo
Silicom Ltd.
1U813 SILICOM-1U813 Datasheet
318Kb / 2P
Supermicro 1U813 SETAC Solution
1U815 SILICOM-1U815 Datasheet
318Kb / 2P
Supermicro 1U815 SETAC Solution
3U835 SILICOM-3U835 Datasheet
320Kb / 2P
Supermicro 3U835 SETAC Solution
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com