Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M1E2G4BPI80-SD-R Datasheet(PDF) 5 Page - Silicom Ltd.

Part # M1E2G4BPI80-SD-R
Description  Quad Port Copper Gigabit Ethernet Express Module Bypass Server Adapter
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILICOM [Silicom Ltd.]
Direct Link  https://www.silicom-usa.com/
Logo SILICOM - Silicom Ltd.

M1E2G4BPI80-SD-R Datasheet(HTML) 5 Page - Silicom Ltd.

  M1E2G4BPI80-SD-R Datasheet HTML 1Page - Silicom Ltd. M1E2G4BPI80-SD-R Datasheet HTML 2Page - Silicom Ltd. M1E2G4BPI80-SD-R Datasheet HTML 3Page - Silicom Ltd. M1E2G4BPI80-SD-R Datasheet HTML 4Page - Silicom Ltd. M1E2G4BPI80-SD-R Datasheet HTML 5Page - Silicom Ltd. M1E2G4BPI80-SD-R Datasheet HTML 6Page - Silicom Ltd. M1E2G4BPI80-SD-R Datasheet HTML 7Page - Silicom Ltd.  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
Silicom Ltd. Connectivity Solutions
Page
5
Storage:
-20°C
–65°C (-4°F–149°F)
EMC Certifications:
FCC Part 15, Subpart B Class B
Conducted Emissions
Radiated Emissions
CE EN 55022: 1998 Class B Amendments A1: 2000; A2: 2003
Conducted Emissions
Radiated Emissions
CE EN 55024: 1998 Amendments A1: 2000; A2: 2003
Immunity for ITE Amendment A1: 2001
CE EN 61000-3-2 2000, Class A
Harmonic Current Emissions
CE EN 61000 3-3 1995, Amendment A1: 2001
Voltage Fluctuations and Flicker
CE IEC 6100-4-2: 1995
ESD Air Discharge 8kV. Contact Discharge 4kV.
CE IEC 6100-4-3:1995
Radiated Immunity (80-1000Mhz), 3V/m 80% A.M. by 1kHz
CE IEC 6100-4-4:1995
EFT/B: Immunity to electrical fast transients 1kV Power
Leads, 0.5Kv Signals Leads
CE IEC 6100-4-5:1995
Immunity to conductive surges COM Mode; 2kV,
Dif. Mode 1kV
CE IEC 6100-4-6:1996
Conducted immunity (0.15-80 MHz) 3VRMS 80% A.M
By 1kHz
CE IEC 6100-4-11:1994
Voltage Dips and Short Interruptions
V reduc >95%, 30% >95% Duration 0.5per, 25per, 250per
MTBF:
95 (Years)
* According to Telcordia SR-332 Issue 2. Environmental condition
– GB (Ground, Fixed, and
Controlled). Ambient temperature 40°C
LEDs
LEDs:
(2) LEDs per port
Left LED: Link/Act :
Turns on link (Green),
Blinks on activity (Green)
Right LED : Link Speed / Bypass / Disconnect :
Turns on Yellow 1G Link.
Turns on Green 100M Link
Turn off on 10M link



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com