Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M1E2G4I35-R Datasheet(PDF) 1 Page - Silicom Ltd.

Part # M1E2G4I35-R
Description  Quad Port Copper Gigabit Ethernet Express Module Server Adapter
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILICOM [Silicom Ltd.]
Direct Link  https://www.silicom-usa.com/
Logo SILICOM - Silicom Ltd.

M1E2G4I35-R Datasheet(HTML) 1 Page - Silicom Ltd.

  M1E2G4I35-R Datasheet HTML 1Page - Silicom Ltd. M1E2G4I35-R Datasheet HTML 2Page - Silicom Ltd. M1E2G4I35-R Datasheet HTML 3Page - Silicom Ltd. M1E2G4I35-R Datasheet HTML 4Page - Silicom Ltd. M1E2G4I35-R Datasheet HTML 5Page - Silicom Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Silicom Ltd. Connectivity Solutions
Page
1
M1E2G4i35
Quad Port Copper Gigabit Ethernet Express Module Server Adapter
Product Description
Silicom’s Quad Port Copper Gigabit Ethernet ExpressModule server adapter is a PCI-Express X8 Four Copper Gigabit Ethernet
network interface card that can fit into a 3.5” HD form factor. The Silicom Quad Port Copper ExpressModule is the front I/O module
in Silicom Server to Network Appliance Converter (SETAC) architecture.
Silicom’s Quad Port Copper Gigabit Ethernet ExpressModule server adapters are based on Intel i350 Ethernet controller with quad
fully integrated Gigabit Ethernet Media Access Control (MAC) and PHY. In addition to managing MAC and PHY Ethernet layer
functions, the controller manages PCI Express packet traffic across its transaction, link, and physical/logical layers.
Silicom’s Quad Port Copper Gigabit Ethernet ExpressModule server adapters are the ideal solution for implementing multiple
network segments, mission-critical high-powered networking applications and environments within high performance servers.
Key Features
Performance Features:
8 Transmit and 8 Receive queues per port.
Up to 8 queues of Receive Side Scaling (RSS) minimize CPU utilization across multiple processor systems.
Support PCI-SIG Single-Root I/O virtualization Rev 1.1.
Support for up to 8 virtual function ( VFs)
Partial replication of PCI Configuration space
Support for 8 pools (single queue) of virtual machine Device Queues (VMDq) per port.
Support Direct Cache Access (DCA).
Support Intel I/O Acceleration Technology v3.0.
TSO interleaving for reduced latency
Minimized number of device I/O interrupts using MSI and MSI-X
UDP, TCP and IP checksum offload
UDP and TCP transmit segmentation offload (TSO). machine
SCTP receive and transmit checksum offload.
Packet interrupt coalescing timers (packet timers) and absolute-delay interrupt timers for both transmit and receive operation.
EEE ( IEEE 802.3az) for reduced power consumption during low link utilization periods.


Similar Part No. - M1E2G4I35-R

ManufacturerPart #DatasheetDescription
logo
Silicom Ltd.
M1E2G4I80 SILICOM-M1E2G4I80 Datasheet
390Kb / 5P
Quad Port Copper Gigabit Ethernet Express Module Server Adapter
M1E2G4I80-SD-R SILICOM-M1E2G4I80-SD-R Datasheet
390Kb / 5P
Quad Port Copper Gigabit Ethernet Express Module Server Adapter
More results

Similar Description - M1E2G4I35-R

ManufacturerPart #DatasheetDescription
logo
Silicom Ltd.
M1E2G4BPI35 SILICOM-M1E2G4BPI35 Datasheet
493Kb / 7P
Quad Port Copper Gigabit Ethernet Express Module Bypass Server Adapter
M1E2G4BPI80 SILICOM-M1E2G4BPI80 Datasheet
492Kb / 7P
Quad Port Copper Gigabit Ethernet Express Module Bypass Server Adapter
M1E2G4I80 SILICOM-M1E2G4I80 Datasheet
390Kb / 5P
Quad Port Copper Gigabit Ethernet Express Module Server Adapter
M1E2G8I35 SILICOM-M1E2G8I35 Datasheet
447Kb / 5P
Eight Port Copper Gigabit Ethernet Express Module Server Adapter
M1E2G8I80 SILICOM-M1E2G8I80 Datasheet
446Kb / 5P
Eight Port Copper Gigabit Ethernet Express Module Server Adapter
PE2G4BPI35A SILICOM-PE2G4BPI35A Datasheet
843Kb / 7P
Quad Port Copper Gigabit Ethernet PCI Express Bypass Server Adapter
PE2G4B19L SILICOM-PE2G4B19L Datasheet
448Kb / 5P
Quad Port Copper Gigabit Ethernet PCI Express Server Adapter
PE2G4BPI80 SILICOM-PE2G4BPI80 Datasheet
723Kb / 6P
Quad Port Copper Gigabit Ethernet PCI Express Bypass Server Adapter
PE2G4I35 SILICOM-PE2G4I35 Datasheet
428Kb / 5P
Quad Port Copper Gigabit Ethernet PCI Express Server Adapter
PE2G4I80L SILICOM-PE2G4I80L Datasheet
428Kb / 5P
Quad Port Copper Gigabit Ethernet PCI Express Server Adapter
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com