Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M1E2G4I80-SD-R Datasheet(PDF) 3 Page - Silicom Ltd.

Part # M1E2G4I80-SD-R
Description  Quad Port Copper Gigabit Ethernet Express Module Server Adapter
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILICOM [Silicom Ltd.]
Direct Link  https://www.silicom-usa.com/
Logo SILICOM - Silicom Ltd.

M1E2G4I80-SD-R Datasheet(HTML) 3 Page - Silicom Ltd.

  M1E2G4I80-SD-R Datasheet HTML 1Page - Silicom Ltd. M1E2G4I80-SD-R Datasheet HTML 2Page - Silicom Ltd. M1E2G4I80-SD-R Datasheet HTML 3Page - Silicom Ltd. M1E2G4I80-SD-R Datasheet HTML 4Page - Silicom Ltd. M1E2G4I80-SD-R Datasheet HTML 5Page - Silicom Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Silicom Ltd. Connectivity Solutions
Page
3
Auto negotiation:
Auto-negotiation between Full duplex and simplex operations and between 10Mb/s 100Mb/s
speeds and duplex 1000Mb/s.
Data Transfer Rate:
1000 Mbit/s, 100 Mbit/s and 10 Mb/s in simplex mode per port.
2000Mb/s 200 and 20 Mb/s in full duplex mode per port
Cables and Operating
distance:
10Base-T Category 3, 4, or 5 maximum 100m *
100Base-Tx Category 5 maximum 100m *
1000Base-T Category 5E maximum 100m *
Operating Systems Support
Operating system support:
Windows
Linux
VMware
General Technical Specifications
Interface Standard:
PCI ExpressModule Specification revision 1.0
Silicom SETAC
PCI-Express Base Specification Revision 2.0 ( 5 GTs)
Board Size:
168.2mm x 98mm (6.62”X3.858”)
PCI Express Card Type:
X8
PCI Voltage:
+12V ± 15%
PCI Express Connector:
Gold Finger: X4
Controller:
Intel 82580
Holder:
Not included.
I/O:
Quad RJ45 located on edge of the board
Weight:
100 gr (3.88 oz)
Power Consumption:
4.80W, 0.40A at 12V: Typical all ports operate at 1000Mb/s.
3.24W, 0.27A at 12V: Typical all ports operate at 100Mb/s.
3.00W, 0.25A at 12V: Typical all ports operate at 10Mb/s.
4.32W, 0.36A at 12V: Typical all ports Link 1000Mb/s.
1.92W, 0.16A at 12V: Typical No link at all ports



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com