Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M1E2G6I6-R Datasheet(PDF) 2 Page - Silicom Ltd.

Part # M1E2G6I6-R
Description  Six Port Copper Gigabit Ethernet ExpressModule Server Adapter
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILICOM [Silicom Ltd.]
Direct Link  https://www.silicom-usa.com/
Logo SILICOM - Silicom Ltd.

M1E2G6I6-R Datasheet(HTML) 2 Page - Silicom Ltd.

  M1E2G6I6-R Datasheet HTML 1Page - Silicom Ltd. M1E2G6I6-R Datasheet HTML 2Page - Silicom Ltd. M1E2G6I6-R Datasheet HTML 3Page - Silicom Ltd. M1E2G6I6-R Datasheet HTML 4Page - Silicom Ltd. M1E2G6I6-R Datasheet HTML 5Page - Silicom Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Silicom Ltd. Connectivity Solutions
Page
2
Copper Gigabit Ethernet 1000Base-T:
Independently copper Gigabit Ethernet channels support Single Gigabit Ethernet (1000Base-T), Fast Ethernet (100Base-Tx)
and Ethernet (10Base-T)
Triple speed 1000Mbps (1000Base-T), 100 Mbps (100Base-Tx) and 10 Mbps (100Base-T) operation
Nway auto negotiation automatic sensing and switching between 1Gbps full duplex and 100 / 10 Mbps operations Simplex or
Full Duplex
RJ-45 female connectors
Common Key features:
Host Interface standard support PCI Express ExpressModule 1.0
High performance, reliability, and low power use in Intel 82576 Dual integrated MAC + PHY and SERDES chip Controllers
Ultra deep, packet buffer per channel lowers CPU utilization
Hardware acceleration that can offload tasks from the host processor. The Controllers can offload TCP/UDP/IP checksum
calculations and TCP segmentation
Server class reliability, availability and performance features
Link Aggregation and Load Balancing
Switch dependent: 802.3ad (LACP), Generic Trunking ( GEC / FEC)
Switch and NIC Independent
Failover
Priority queuing
– 802.1p layer 2 priority encoding
Virtual LANs
–802.1q VLAN tagging
Jumbo Frame (16KB)
802.x flow control
PCI-SIG SR IOV (8 VF)
Multicast/ broadcast Packet replication
Statistics for SNMP MIB II, Ethernet like MIB, and Ethernet MIB (802.3z, Clause 30)
Supports Vital Product Data (VPD)
Integrated LinkSec security engines
Supports IEEE 1588
LEDs indicators for link/Activity status



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com