Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M1E2G8I80-R Datasheet(PDF) 1 Page - Silicom Ltd.

Part # M1E2G8I80-R
Description  Eight Port Copper Gigabit Ethernet Express Module Server Adapter
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILICOM [Silicom Ltd.]
Direct Link  https://www.silicom-usa.com/
Logo SILICOM - Silicom Ltd.

M1E2G8I80-R Datasheet(HTML) 1 Page - Silicom Ltd.

  M1E2G8I80-R Datasheet HTML 1Page - Silicom Ltd. M1E2G8I80-R Datasheet HTML 2Page - Silicom Ltd. M1E2G8I80-R Datasheet HTML 3Page - Silicom Ltd. M1E2G8I80-R Datasheet HTML 4Page - Silicom Ltd. M1E2G8I80-R Datasheet HTML 5Page - Silicom Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Silicom Ltd. Connectivity Solutions
Page
1
M1E2G8i80
Eight Port Copper Gigabit Ethernet Express Module Server Adapter
Product Description
Silicom’s Eight Port Copper Gigabit Ethernet ExpressModule Server
adapter is PCI-Express X8 Eight Copper Gigabit Ethernet network
interface card that can fit into a 3.5” HD form factor.
The Silicom Eight Port Copper ExpressModule is the front I/O
module in Silicom Server to Network Appliance Converter (SETAC)
architecture.
Silicom’s Eight Port Copper Gigabit Ethernet ExpressModule Server adapter is designed for Servers and high-end appliances.
The performance is optimized so that system I/O is not the bottleneck in
high-performance networking applications.
Silicom’s Eight Port Copper Gigabit Ethernet ExpressModule server adapters
are based on Intel 82580EB Ethernet controller with quad fully integrated
Gigabit Ethernet Media Access Control (MAC) and PHY.
Silicom’s Eight Port Copper Gigabit Ethernet ExpressModule server adapters
are the ideal solution for implementing multiple network segments, mission-
critical high-powered networking applications and environments within high
performance servers.
Key Features
Copper Gigabit Ethernet 1000Base-T:
Independently copper Gigabit Ethernet channels support four Gigabit Ethernet (1000Base-T), Fast Ethernet (100Base-Tx) and
Ethernet (10Base-T)
Triple speed 1000Mbps (1000Base-T), 100 Mbps (100Base-Tx) and 10 Mbps (100Base-T) operation
Nway auto negotiation automatic sensing and switching between 1Gbps full duplex and 100 / 10 Mbps operations Simplex or
Full Duplex
RJ-45 female connectors


Similar Part No. - M1E2G8I80-R

ManufacturerPart #DatasheetDescription
logo
Silicom Ltd.
M1E2G8I80SC62 SILICOM-M1E2G8I80SC62 Datasheet
422Kb / 6P
Gigabit Ethernet and Sever Adapter
M1E2G8I80SC62-R SILICOM-M1E2G8I80SC62-R Datasheet
422Kb / 6P
Gigabit Ethernet and Sever Adapter
More results

Similar Description - M1E2G8I80-R

ManufacturerPart #DatasheetDescription
logo
Silicom Ltd.
M1E2G4BPI35 SILICOM-M1E2G4BPI35 Datasheet
493Kb / 7P
Quad Port Copper Gigabit Ethernet Express Module Bypass Server Adapter
M1E2G4BPI80 SILICOM-M1E2G4BPI80 Datasheet
492Kb / 7P
Quad Port Copper Gigabit Ethernet Express Module Bypass Server Adapter
M1E2G4I35 SILICOM-M1E2G4I35 Datasheet
415Kb / 5P
Quad Port Copper Gigabit Ethernet Express Module Server Adapter
M1E2G4I80 SILICOM-M1E2G4I80 Datasheet
390Kb / 5P
Quad Port Copper Gigabit Ethernet Express Module Server Adapter
M1E2G8I35 SILICOM-M1E2G8I35 Datasheet
447Kb / 5P
Eight Port Copper Gigabit Ethernet Express Module Server Adapter
M1E2G8SPI35 SILICOM-M1E2G8SPI35 Datasheet
378Kb / 5P
Eight Port SFP Gigabit Ethernet Express Module Server Adapter
M1E2G8SPI80 SILICOM-M1E2G8SPI80 Datasheet
382Kb / 5P
Eight Port SFP Gigabit Ethernet Express Module Server Adapter
M1E210G2I40-T-10 SILICOM-M1E210G2I40-T-10 Datasheet
332Kb / 4P
Dual port Copper 10 Gigabit Ethernet Express Module Server Adapter
PE2G2I80 SILICOM-PE2G2I80 Datasheet
455Kb / 5P
Dual Port Copper Gigabit Ethernet PCI Express Server Adapter
PE2G2B18 SILICOM-PE2G2B18 Datasheet
388Kb / 4P
Dual Port Copper Gigabit Ethernet PCI Express Server Adapter
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com