Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M1E2G8SPI35-X-R Datasheet(PDF) 3 Page - Silicom Ltd.

Part # M1E2G8SPI35-X-R
Description  Eight Port SFP Gigabit Ethernet Express Module Server Adapter
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILICOM [Silicom Ltd.]
Direct Link  https://www.silicom-usa.com/
Logo SILICOM - Silicom Ltd.

M1E2G8SPI35-X-R Datasheet(HTML) 3 Page - Silicom Ltd.

  M1E2G8SPI35-X-R Datasheet HTML 1Page - Silicom Ltd. M1E2G8SPI35-X-R Datasheet HTML 2Page - Silicom Ltd. M1E2G8SPI35-X-R Datasheet HTML 3Page - Silicom Ltd. M1E2G8SPI35-X-R Datasheet HTML 4Page - Silicom Ltd. M1E2G8SPI35-X-R Datasheet HTML 5Page - Silicom Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Silicom Ltd. Connectivity Solutions
Page
3
Technical Specifications
SFP Gigabit Ethernet Technical Specifications -(SFP) Adapters:
SFP (Small Form Factor
Pluggable) supports:
1 Gbit SERDES interfaces supports 1000Base-X in order to connect with SFP to 1000Base-SX
/ 1000Base-LX / 1000Base-T SFP transceivers.
IEEE Standard / Network
topology:
with 1000Base-T SFP
Gigabit Ethernet (1000Mbit/s only), 1000Base-T,
IEEE Standard / Network
topology:
with 1000Base-SX SFP
Fiber Gigabit Ethernet, 1000Base-SX (850nM)
IEEE Standard / Network
topology:
with 1000Base-LX SFP
Fiber Gigabit Ethernet, 1000Base-LX (1310nM)
Operating Systems Support
Operating system support:
Windows
Linux
VMware
General Technical Specifications
Interface Standard:
PCI ExpressModule Specification revision 1.0
Silicom SETAC
PCI-Express Base Specification Revision 2.0 ( 5 GTs)
Board Size:
168.2mm x 98mm (6.62”X3.858”)
PCI Express Card Type:
X8
PCI Express Voltage:
+12V +- 8%
PCI Connector:
Gold Finger: X8
Controller:
Intel i350AM4
Holder:
Not included
I/O:
8 x SFP located on edge of the board



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com