Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF433MHZ Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # RF433MHZ
Description  Smart monitoring information system based on RF 433 Mhz
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

RF433MHZ Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  RF433MHZ Datasheet HTML 1Page - List of Unclassifed Manufacturers RF433MHZ Datasheet HTML 2Page - List of Unclassifed Manufacturers RF433MHZ Datasheet HTML 3Page - List of Unclassifed Manufacturers RF433MHZ Datasheet HTML 4Page - List of Unclassifed Manufacturers RF433MHZ Datasheet HTML 5Page - List of Unclassifed Manufacturers RF433MHZ Datasheet HTML 6Page - List of Unclassifed Manufacturers RF433MHZ Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
ISSN: 2088-8708
Int J Elec & Comp Eng, Vol. 9, No. 6, December 2019 : 5143 - 5149
5144
In section 2, we will discuss the related works, in section 3 we present our proposed system SMIS,
a Wireless Sensor And Actuator Network are presented in section 4, the experimental results of the function
between the length of the RF 433MHZ module antenna and the distance between its receiver and its
transmitter at the laboratory scale is discussed in section 5, Design and Implementation are presented in
section 6, the paper will be conclude in section 7.
2.
RELATED WORK
Healthcare area in recent years has been rapidly integrating technology in the monitoring, diagnosis
and treatment of patients remotely. To improve quality of life of patient and to facilitates tracking of patient
who needs real time data collection. Most studies reviewed point to a chronic disease monitoring in particular
as in which are responsible for the first remote monitoring of vital signs and the second of a telemedical ECG
system of a patient [12].
Other systems such as those proposed are fixed in the IoT bring advantages in terms of perception,
transmission and application of information in the field perspectives of health and medical care. Enabling
smart, an accessible and communication system based on IoT hosting segments such as: medical equipment,
information management control medication of patients, telemedicine, mobile medical care, and personal
health management, among others.
Home automation or Smart Homes (also known as domotic) can be described as introduction of
technology within the home environment to provide convenience, comfort, security and energy efficiency to
its occupants [13]. Adding intelligence to home environment can provide increased quality of life for
the old-people and disabled people who might otherwise need caregivers or institutional care.
There hase been a significant gruth in home automation lastely due to higher affordability and
progression in Smart phones and tablets which permits huge and easy connectivity. With the introduction of
the IoT, the studies and employment of smart homes are getting more popular [6]. Much of the research
attention has been given in academic research laboratories. Several wireless communication technologies that
can support some form of distant data transmission, detecting and control such as Bluetooth, Wi-Fi, RFID,
and cellular networks have been used to insert numerous stages of intelligence in the household [14].
Researches in [13, 14] have intreduced Bluetooth based home automation systems using Smart phones
without the Internet controllability. The appliances are physically connected to a Bluetooth sub-controller
which is then accessed and controlled by the Smart phone utilizing built-in Bluetooth connectivity. However,
due to limited distance of operation (up to 100 m only) the network is incapable to manage with mobility and
can only be controlled within the vicinity. Academics have also tried to provide network interoperability and
distant access to control appliances at the house based on home-gateways. [17] Presented a Wi-Fi using home
control system based on web server which accomplishes the connected home appliances.
A GSM based communication and control for home devices has also been introduced by [18] where
diverse AT commands are transmited to the House Mobile for controlling diverse devices. The disadvantage
of this network is that manipulators are not provided with a graphical user interface and they have to
remember diverse AT commands to control the attached appliances.
The above cited systems have made momentous contributions to the design and improvement of
domotic systems. Though, the current works were generally focused on switching and controlling home
devices or connected appliances rather than distantly monitoring of home environment.
3.
THE PROPOSED SYSTEM: SMIS
This section describes the proposed architecture and design of flexible and low cost controlling and
monitoring system. The architecture is divided into three layers: monitoring area, communication module and
Remote Environment (smartphone, tablet). Remote Environment represents authorized users who can
visualize the sensed data on their Smart phone using sms via GSM. Monitoring district consists of a software
and a hardware interface module as demonstrated in the Figure 1 below.
The diagram of the control system of Figure 1 can be divided into two parts:
a. The top part includes a GSM module, tablets, smart phones, etc.A tablet or smartphone serves as a remote
control via GSM.
b. The lower part includes an intelligent central controller, RF modules, control modules, environmental
modules, data collectors, and so on. The intelligent central controller is a link between the previous and
the next in that it combines the top and the bottom. He is responsible for setting up a WSAN RF433 MHz
(Wirless Sensors & Actors Network) in a studied envirement. These versatile control modules are
responsible for controlling the devices and communicating with the central controller.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com