Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AF9902M Datasheet(PDF) 1 Page - Anachip Corp

Part # AF9902M
Description  2N and 2P-Channel Enhancement Mode Power MOSFET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANACHIP [Anachip Corp]
Direct Link  
Logo ANACHIP - Anachip Corp

AF9902M Datasheet(HTML) 1 Page - Anachip Corp

  AF9902M Datasheet HTML 1Page - Anachip Corp AF9902M Datasheet HTML 2Page - Anachip Corp AF9902M Datasheet HTML 3Page - Anachip Corp AF9902M Datasheet HTML 4Page - Anachip Corp AF9902M Datasheet HTML 5Page - Anachip Corp AF9902M Datasheet HTML 6Page - Anachip Corp AF9902M Datasheet HTML 7Page - Anachip Corp AF9902M Datasheet HTML 8Page - Anachip Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
AF9902M
2N and 2P-Channel Enhancement Mode Power MOSFET
This datasheet contains new product information. Anachip Corp. reserves the rights to modify the product specification without notice. No liability is assumed as a result of the use of
this product. No rights under any patent accompany the sale of the product.
Rev. 1.0 Sep 22, 2005
1/8
Features
- Simple Drive Requirement
- Low On-Resistance
- Full Bridge Application on LCD Monitor Inverter
- Pb Free Plating Product
Product Summary
CH
BVDSS (V)
RDS(ON) (mΩ)
ID (A)
N
30
40
4.3
P
-30
70
-3.3
Pin Assignments
SO-8
5
6
7
8
4
3
2
1
P1G
P1S/P2S
N2D/P2D
P2G
N1G
N1D/P1D
N1S/N2S
N2G
General Description
The advanced power MOSFET provides the designer
with the best combination of fast switching,
ruggedized device design, low on-resistance and
cost-effectiveness.
The SO-8 package is universally preferred for all
commercial-industrial surface mount applications and
suited for low voltage applications such as DC/DC
converters.
Pin Descriptions
Pin Name
Description
N1G
Gate (NMOS1)
N1D/P1D
Drain(NMOS1) / Drain(PMOS1)
N1S/N2S
Source(NMOS1) / Source(NMOS2)
N2G
Gate (NMOS2)
P2G
Gate (PMOS2)
N2D/P2D
Drain(NMOS2) / Drain(PMOS2)
P1S/P2S
Source(PMOS1) / Source(PMOS2)
P1G
Gate (PMOS1)
Ordering information
A X 9902M X X
PN
Package
Feature
F :MOSFET
S: SO-8
Packing
Blank : Tube or Bulk
A : Tape & Reel
Block Diagram
P1S
P2S
N1S
N2S
N2G
N1G
P1G
P2G
P1N1D
P2N2D


Similar Part No. - AF9902M

ManufacturerPart #DatasheetDescription
logo
Anachip Corp
AF9903M ANACHIP-AF9903M Datasheet
799Kb / 8P
2N and 2P-Channel Enhancement Mode Power MOSFET
Rev. 1.0 Sep 22, 2005
More results

Similar Description - AF9902M

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFG5110 IRF-IRFG5110 Datasheet
394Kb / 12P
100V, Combination 2N-2P-CHANNEL
logo
Anachip Corp
AF9903M ANACHIP-AF9903M Datasheet
799Kb / 8P
2N and 2P-Channel Enhancement Mode Power MOSFET
Rev. 1.0 Sep 22, 2005
logo
Advanced Power Electron...
AP9930M A-POWER-AP9930M Datasheet
102Kb / 7P
2N AND 2P-CHANNEL ENHANCEMENT
logo
SamHop Microelectronics...
STM9930A SAMHOP-STM9930A Datasheet
1Mb / 11P
2N and 2P Channel E nhancement Mode Field Effect Transistor
logo
Advanced Power Electron...
AP9930GM A-POWER-AP9930GM Datasheet
95Kb / 7P
2N AND 2P-CHANNEL ENHANCEMENT MODE POWER MOSFET
AP9934GM A-POWER-AP9934GM Datasheet
96Kb / 7P
2N AND 2P-CHANNEL ENHANCEMENT MODE POWER MOSFET
logo
Silicon Standard Corp.
SSM9934GM SSC-SSM9934GM Datasheet
263Kb / 8P
2N AND 2P-CHANNEL ENHANCEMENT MODE POWER MOSFET
logo
Cystech Electonics Corp...
MTC9930Q8 CYSTEKEC-MTC9930Q8 Datasheet
483Kb / 12P
2N- and 2P-Channel Enhancement Mode MOSFET
logo
Guangdong Youtai Semico...
IRF7311TR UMW-IRF7311TR Datasheet
2Mb / 6P
30V 2N-Channel Enhancement Mode MOSFET
IRF8313TR UMW-IRF8313TR Datasheet
2Mb / 6P
30V 2N-Channel Enhancement Mode MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com