Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B048F030T21 Datasheet(PDF) 13 Page - Vicor Corporation

Part # B048F030T21
Description  VI Chip - BCM Bus Converter Module
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

B048F030T21 Datasheet(HTML) 13 Page - Vicor Corporation

Back Button B048F030T21 Datasheet HTML 7Page - Vicor Corporation B048F030T21 Datasheet HTML 8Page - Vicor Corporation B048F030T21 Datasheet HTML 9Page - Vicor Corporation B048F030T21 Datasheet HTML 10Page - Vicor Corporation B048F030T21 Datasheet HTML 11Page - Vicor Corporation B048F030T21 Datasheet HTML 12Page - Vicor Corporation B048F030T21 Datasheet HTML 13Page - Vicor Corporation B048F030T21 Datasheet HTML 14Page - Vicor Corporation B048F030T21 Datasheet HTML 15Page - Vicor Corporation  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
vicorpower.com
800-735-6200
V•I Chip Bus Converter Module
B048K030T21
Rev. 1.0
Page 13 of 15
V•I Chip Bus Converter Module
PRELIMINARY
Input Impedance Recommendations
To take full advantage of the BCM capabilities, the impedance presented
to its input terminals must be low from DC to approximately 5 MHz. The
source should exhibit low inductance (less than 100 nH) and should have a
critically damped response. If the interconnect inductance exceeds 100 nH,
the BCM input pins should be bypassed with an RC damper (e.g., 47 µF in
series with 0.3 ohm) to retain low source impedance and stable
operations. Given the wide bandwidth of the BCM, the source response is
generally the limiting factor in the overall system response.
Anomalies in the response of the source will appear at the output of the
BCM multiplied by its K factor. The DC resistance of the source should be
kept as low as possible to minimize voltage deviations. This is especially
important if the BCM is operated near low or high line as the over/under
voltage detection circuitry could be activated.
Input Fuse Recommendations
V•I Chips are not internally fused in order to provide flexibility in
configuring power systems. However, input line fusing of V•I Chips must
always be incorporated within the power system. A fast acting fuse should
be placed in series with the +IN port.
Application Circuits
-In
PC
RSV
TM
+In
-Out
+Out
-Out
+Out
BCM
K
Ro
NiPOL
1
NiPOL
2
NiPOL
3
NiPOL
4
LOAD
1
LOAD
2
LOAD
3
LOAD
4
Figure 27—The BCM provides an isolated output from a narrow range input ideal for driving non-isolated point of load converters (niPOLs)
Vo = 2.38 - 3.43 V
48 Vin
(38 - 55 Vdc)
FPA Local Loop
+Out
–Out
+In
–In
VC
PC
TM
IL
VH
PR
NC
SG
SC
PRM-AL
OS
NC
CD
L
O
A
D
Factorized
Power Bus
ROS
Vo = VL – IO • RO
VL
K
Vf =
-In
PC
RSV
TM
+In
-Out
+Out
-Out
+Out
BCM
K
Ro
Figure 28—The PRM regulates its output to provide a constant factorized bus voltage. The output voltage is the nominal load voltage, Vo, at no
load and decreases with load at a constant rate equal to the BCM output resistance Ro.
In the following figure;
K = BCM Transformation Ratio
Vf = PRM Output (Factorized Bus Voltage)
RO = BCM Output Resistance
VL = Desired Load Voltage
VO = BCM Output
VS = PRM Output Set Point Voltage
Application Note (continued)
48 Vin
(36 - 75 Vdc)
VS range = 38 - 55 Vdc
B048K030T21
(K = 1/16: RO = 1.8 m
Ω)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com