Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PLT01 Datasheet(PDF) 4 Page - SJM Prewell. All Rights Reserved.

Part # PLT01
Description  Gain Block
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SJM [SJM Prewell. All Rights Reserved.]
Direct Link  http://www.prewell.com/
Logo SJM - SJM Prewell. All Rights Reserved.

PLT01 Datasheet(HTML) 4 Page - SJM Prewell. All Rights Reserved.

  PLT01 Datasheet HTML 1Page - SJM Prewell. All Rights Reserved. PLT01 Datasheet HTML 2Page - SJM Prewell. All Rights Reserved. PLT01 Datasheet HTML 3Page - SJM Prewell. All Rights Reserved. PLT01 Datasheet HTML 4Page - SJM Prewell. All Rights Reserved. PLT01 Datasheet HTML 5Page - SJM Prewell. All Rights Reserved. PLT01 Datasheet HTML 6Page - SJM Prewell. All Rights Reserved.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
http://www.prewell.com
4
Gain Block
SJM PREWELL
PLT01
Products and product information are subject to change without notice. Version 16
-5
-3
-1
1
3
5
15
17
19
21
23
25
Output Power (dBm)
1450
1500
1550
1600
1650
1700
15
17
19
21
23
25
Frequency (MHz)
1450
1500
1550
1600
1650
1700
10
12
14
16
18
20
Frequency (MHz)
1450
1500
1550
1600
1650
1700
-20
-16
-12
-8
-4
0
Frequency (MHz)
1450
1500
1550
1600
1650
1700
10
12
14
16
18
20
Frequency (MHz)
1450
1500
1550
1600
1650
1700
-20
-16
-12
-8
-4
0
Frequency (MHz)
P1dB vs. Frequency
Output Return Loss vs. Frequency
Input Return Loss vs. Frequency
Gain vs. Frequency
OIP3 vs. Output Power_1575MHz
OIP3 vs. Frequency
Note 1. Measurement for our datasheet was made on 0.8mm thick
FR-4 Board and 50
Ω microstrip line
Note 2. Increasing supply voltage also increases the current
Note 3. It is recommended to use R
Bias for more than 6V
Parameters
Units
1450MHz
1575MHz
1700MHz
S21
dB
14.0
13.7
13.3
S11
dB
-14.7
-15.8
-12.9
S22
dB
-16.8
-15.1
-13.9
P1dB
dBm
17.5
17.6
17.4
OIP3 2)
dBm
18.6
18.6
18.7
NF
dB
1.5
1.5
1.6
1) Test Conditions : T=25°C, Supply Voltage=3V, 50
Ω System
2) OIP3 is measured with two tones, 1MHz Spacing, 0dBm per Tone at Output
Typical RF Performance for 1450MHz ~ 1700MHz Tuned Application Circuit
Supply Bias Voltage = 3V, Current= 8mA
RF IN
100pF
22nH
1nF
Vdd
RF OUT
100pF
RBias
2.7nH
1.5pF



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com