Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PNW511 Datasheet(PDF) 2 Page - SJM Prewell. All Rights Reserved.

Part # PNW511
Description  Gain Block
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SJM [SJM Prewell. All Rights Reserved.]
Direct Link  http://www.prewell.com/
Logo SJM - SJM Prewell. All Rights Reserved.

PNW511 Datasheet(HTML) 2 Page - SJM Prewell. All Rights Reserved.

  PNW511 Datasheet HTML 1Page - SJM Prewell. All Rights Reserved. PNW511 Datasheet HTML 2Page - SJM Prewell. All Rights Reserved. PNW511 Datasheet HTML 3Page - SJM Prewell. All Rights Reserved. PNW511 Datasheet HTML 4Page - SJM Prewell. All Rights Reserved.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
http://www.prewell.com
2
Gain Block
SJM PREWELL
PNW511
Products and product information are subject to change without notice. Version 0.6
0
1
2
3
4
5
0
40
80
120
160
200
25℃
Vd (V)
0
100
200
300
400
500
1
2
3
4
5
6
25℃
Frequency (MHz)
0
100
200
300
400
500
-30
-24
-18
-12
-6
0
Frequency (MHz)
25℃
-40℃
85℃
Output Return Loss
0
100
200
300
400
500
-50
-40
-30
-20
-10
0
25℃
-40℃
85℃
Frequency (MHz)
Input Return Loss
0
100
200
300
400
500
0
6
12
18
24
30
Frequency (MHz)
25℃
-40℃
85℃
Gain vs. Frequency
Typical RF Performance for 50MHz-500MHz Tuned Application Circuit
Supply Bias Voltage = 3.3V, Current= 50mA
Input Return Loss
Output Return Loss
Gain vs. Frequency
NF vs. Frequency
Id vs. Vd
Parameters
Units
Frequency (MHz)
70
140
250
500
S21
dB
28.2
27.9
27.5
26.9
S11
dB
-22
-28
-26
-18
S22
dB
-22
-19
-16
-13
P1dB
dBm
14.6
14.5
14.3
14.8
OIP3@0dBm
dBm
31.4
31.7
31.1
30.3
NF
dB
2.5
2.4
2.4
2.6
RF IN
RF OUT
10nF
10nF
820nH
10nF
1uF
3.3V



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com