Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDLL6857 Datasheet(PDF) 1 Page - Microsemi Corporation

Part # CDLL6857
Description  SCHOTTKY BARRIER DIODES
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

CDLL6857 Datasheet(HTML) 1 Page - Microsemi Corporation

  CDLL6857 Datasheet HTML 1Page - Microsemi Corporation CDLL6857 Datasheet HTML 2Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
ELECTRICAL CHARACTERISTICS @ 25°C, unless otherwise specified.
CDI
MINIMUM
MAXIMUM
MAXIMUM
MAXIMUM REVERSE
MAXIMUM
TYPE
BREAKDOWN
FORWARD
FORWARD
LEAKAGE CURRENT
CAPACITANCE @
ESDS
NUMBER
VOLTAGE
VOLTAGE
VOLTAGE
V
R
= 0 VOLTS
CLASS
f = 1.0 MHZ
V
BR @ 10
µ AV
F
@ 1 mA
V
F @
I
F
1
R
@ V
R
C
T
VOLTS
VOLTS
VOLTS@mA
NA
VOLTS
PICO FARADS
1N5711UR-1
70
0.41
1.0 @ 15
200
50
2.0
1
1N5712UR-1
20
0.41
1.0@35
150
16
2.0
1
1N6857UR-1
20
0.35
0.75@ 35
150
16
4.5
2
1N6858UR-1
70
0.36
0.65 @ 15
200
50
4.5
2
CDLL2810
20
0.41
1.0 @ 35
100
15
2.0
1
CDLL5711
70
0.41
1.0 @ 15
200
50
2.0
1
CDLL5712
20
0.41
1.0 @ 35
150
16
2.0
1
CDLL6263
60
0.41
1.0 @ 15
200
50
2.2
1
CDLL6857
20
0.35
0.75 @ 35
150
16
4.5
2
CDLL6858
70
0.36
0.65 @ 15
200
50
4.5
2
NOTE:
Effective Minority Carrier Lifetime (ττ ) is 100 Pico Seconds
NOTICE:
Qualification testing to J, JX, JV and JS levels for 6857 and 6858 types is underway. Contact the
factory for qualification completion dates. These two part numbers are being introduced by CDI as
“drop-in” replacements for the 5711 and 5712. They provide a more robust mechanical design and
a higher ESDS class with the only trade-off being an increase in capacitance.
6
LAKE
STREET,
LAWRENCE,
MASSACHUSETTS 01841
PHONE (978) 620-2600
FAX (978) 689-0803
WEBSITE: http://www.microsemi.com
145
MILLIMETERS
INCHES
DIM
MIN
MAX
MIN
MAX
D
1.60
1.70
0.063 0.067
F
0.41
0.55
0.016 0.022
G
3.30
3.70
.130
.146
G1
2.54 REF.
.100 REF.
S
0.03 MIN.
.001 MIN.
FIGURE 1
DESIGN DATA
CASE: DO-213AA, Hermetically sealed
glass case. (MELF, SOD-80, LL34)
LEAD FINISH: Tin / Lead
THERMAL RESISTANCE: (ROJEC):
100 °C/W maximum at L = 0 inch
THERMAL IMPEDANCE: (ZOJX): 40
°C/W maximum
POLARITY: Cathode end is banded.
MOUNTING SURFACE SELECTION:
The Axial Coefficient of Expansion
(COE) Of this Device is Approximately
+6PPM/°C. The COE of the Mounting
Surface System Should Be Selected To
Provide A Suitable Match With This
Device.
MAXIMUM RATINGS
Operating Temperature: -65°C to +150°C
Storage Temperature:
-65°C to +150°C
Operating Current:
5711 & 6263 TYPES
:33mA dc @ TEC = +140°C
2810, 5712 & 6858 Types
:75mA dc @ TEC = +130°C
6857 Types
:150mA dc @ TEC = +110°C
Derating:
:All Types: Derate to 0 (zero) mA dc @ +150°C
• 1N5711UR-1 AVAILABLE IN
JAN, JANTX, JANTXV and JANS
PER MIL-PRF-19500/444
• 1N5712UR-1 AVAILABLE IN
JAN, JANTX, JANTXV and JANS
PER MIL-PRF 19500/445
• SCHOTTKY BARRIER DIODES
• LEADLESS PACKAGE FOR SURFACE MOUNT
• METALLURGICALLY BONDED, DOUBLE PLUG CONSTRUCTION
1N5711UR-1
1N5712UR-1
1N6857UR-1
1N6858UR-1
CDLL2810
CDLL5711
CDLL5712
CDLL6263
CDLL6857
CDLL6858


Similar Part No. - CDLL6857

ManufacturerPart #DatasheetDescription
logo
Compensated Deuices Inc...
CDLL6857 CDI-DIODE-CDLL6857 Datasheet
23Kb / 2P
SCHOTTKY BARRIER DIODES
logo
Microsemi Corporation
CDLL6857 MICROSEMI-CDLL6857 Datasheet
83Kb / 3P
SCHOTTKY BARRIER DIODES
More results

Similar Description - CDLL6857

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZC2800E ZETEX-ZC2800E Datasheet
104Kb / 3P
SCHOTTKY BARRIER DIODES
logo
Leshan Radio Company
MMBD101LT1 LRC-MMBD101LT1 Datasheet
52Kb / 2P
Schottky Barrier Diodes
RB721Q LRC-RB721Q Datasheet
20Kb / 1P
SCHOTTKY BARRIER DIODES
logo
ON Semiconductor
BAT54AWT1 ONSEMI-BAT54AWT1 Datasheet
49Kb / 4P
Schottky Barrier Diodes
October, 2005 ??Rev. 1
logo
Formosa MS
FM0520-M FORMOSA-FM0520-M Datasheet
80Kb / 2P
Chip Schottky Barrier Diodes - Chip Schottky Barrier Diodes
logo
Leshan Radio Company
LBAT54WT1 LRC-LBAT54WT1 Datasheet
89Kb / 3P
Schottky Barrier Diodes
logo
Fairchild Semiconductor
BAS40SL FAIRCHILD-BAS40SL_10 Datasheet
108Kb / 4P
Schottky Barrier Diodes
BAS70SL FAIRCHILD-BAS70SL_10 Datasheet
109Kb / 4P
Schottky Barrier Diodes
logo
AiT Semiconductor Inc.
B0520W AITSEMI-B0520W Datasheet
531Kb / 5P
SCHOTTKY DIODES SCHOTTKY BARRIER DIODES
REV1.0
B0520WS AITSEMI-B0520WS Datasheet
522Kb / 4P
SCHOTTKY DIODES SCHOTTKY BARRIER DIODES
REV1.0
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com