Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC7803 Datasheet(PDF) 13 Page - Analog Devices

Part # LTC7803
Description  40V Low IQ, 3MHz Synchronous Step-Down Controller with Spread Spectrum
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC7803 Datasheet(HTML) 13 Page - Analog Devices

Back Button LTC7803 Datasheet HTML 9Page - Analog Devices LTC7803 Datasheet HTML 10Page - Analog Devices LTC7803 Datasheet HTML 11Page - Analog Devices LTC7803 Datasheet HTML 12Page - Analog Devices LTC7803 Datasheet HTML 13Page - Analog Devices LTC7803 Datasheet HTML 14Page - Analog Devices LTC7803 Datasheet HTML 15Page - Analog Devices LTC7803 Datasheet HTML 16Page - Analog Devices LTC7803 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 36 page
background image
LTC7803
13
Rev 0
For more information www.analog.com
OPERATION
through an external resistor. Tying FREQ to GND selects
375kHz while tying FREQ to INTVCC selects 2.25MHz.
Placing a resistor between FREQ and GND allows the fre-
quency to be programmed between 100kHz and 3MHz,
as shown in Figure 8.
Switching regulators can be particularly troublesome for
applications where electromagnetic interference (EMI) is
a concern. To improve EMI, the LTC7803 can operate in
spread spectrum mode, which is enabled by tying the
PLLIN/SPREAD pin to INTVCC. This feature varies the
switching frequency with typical boundaries of 0% to
+20% of the frequency set by the FREQ pin.
A phase-locked loop (PLL) is available on the LTC7803
to synchronize the internal oscillator to an external clock
source that is connected to the PLLIN/SPREAD pin. The
LTC7803’s phase detector (PFD) and low pass filter adjust
the voltage) of the VCO input to align the turn-on of the
controller’s external top MOSFET to the rising edge of the
synchronizing signal.
The VCO input voltage is prebiased to the free running
frequency set by the FREQ pin before the external clock
is applied. If prebiased near the external clock frequency,
the PLL loop only needs to make slight changes to the
VCO input in order to synchronize the rising edge of the
external clock to the rising edge of TG. For more rapid
lock-in to the external clock, use the FREQ pin to set the
internal oscillator to approximately the frequency of the
external clock. The LTC7803’s PLL is guaranteed to lock
to an external clock source whose frequency is between
100kHz and 3MHz.
The PLLIN/SPREAD pin is TTL compatible with thresholds
of 1.6V (rising) and 1.1V (falling) and is guaranteed to
operate with a clock signal swing of 0.5V to 2.5V.
Output Overvoltage Protection
An overvoltage comparator guards against transient
overshoots as well as other more serious conditions that
may overvoltage the output. When the VFB pin rises by
more than 10% above its regulation point of 0.8V, the top
MOSFET is turned off and the bottom MOSFET is turned
on until the overvoltage condition is cleared.
Foldback Current
When the output voltage falls to less than 50% of its
nominal level, foldback current limiting is activated, pro-
gressively lowering the peak current limit in proportion to
the severity of the overcurrent or short-circuit condition.
Foldback current limiting is disabled during the soft-start
interval (as long as the VFB voltage is keeping up with the
TRACK/SS voltage).
BOOST Supply Refresh and Internal Charge Pump
The top MOSFET driver is biased from the floating boot-
strap capacitor, CB, which normally recharges during each
cycle through an external diode when the bottom MOSFET
turns on. There is an internal charge pump that keeps the
required bias on BOOST. The charge pump always oper-
ates in both forced continuous mode and pulse-skipping
mode. In Burst Mode operation, the charge pump is turned
off during sleep and enabled when the chip wakes up. The
internal charge pump can normally supply a charging cur-
rent of 65μA.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com