Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TALOS-2000 Datasheet(PDF) 2 Page - Adlink Technology Inc.

Part # TALOS-2000
Description  6th Generation Intel짰 Core i7/i5/i3 Processor-Based Automation Control System
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADLINK [Adlink Technology Inc.]
Direct Link  https://www.adlinktech.com/en/index
Logo ADLINK - Adlink Technology Inc.

TALOS-2000 Datasheet(HTML) 2 Page - Adlink Technology Inc.

  TALOS-2000 Datasheet HTML 1Page - Adlink Technology Inc. TALOS-2000 Datasheet HTML 2Page - Adlink Technology Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.adlinktech.com
All products and company name listed are trademarks or trade names of their respective companies.
Updated Sep. 27, 2017. ©2017 ADLINK Technology, Inc. All Rights Reserved.
All specifications are subject to change without further notice.
Specifications
CPU
Intel®Core™i7-6700 / Intel®Core™ i5-6500 / Intel®Core™ i3-6100 / Intel® Celeron® G3900
Chipset
Intel® H110 chipset
System Memory
Up to 32 GB DDR4 at 2133MHz
EtherCAT Comm.
1CH @ 250 µs (min. cycle time)
EtherCAT Motion
Up to 64 axes
EtherCAT I/O
Up to 10,000 points
Camera Interface
4-CH Gigabit power over Ethernet IEEE 802.3af compliant, total max. power output 32 W
Display
2x DisplayPort with resolutions up to 4096 x 2160
USB
4x USB 2.0 ports, 4x USB 3.0 ports (internal USB 2.0 x1)
COM Ports
1x RS-232/422/485, 3x RS-232
Emergency Stop In
1CH
Digital Input
4CH (2CH configured as Pulsar Input)
Pulsar Input Mode
CW/CCW; 1x/2x/4x AB Phases
Pulsar Input Frequency
Up to 1MHz
Digital Input Voltage
24VDC (typ.) / 5VDC for pulsar connection
Digital Input Type
Sourcing type
Digital Output
4CH, Isolated
Digital Output Voltage
24V (typ.)
Digital Output Type
90mA, NPN sinking type
Power Supply
DC 24V, AT mode
Operating Temp
0˚C to +55˚C (32˚F to 131˚F)
Humidity
0% to 90%
Dimensions
232(W) x 181 (D) x 86.3 (H)mm
Power Consumption
Up to 160W
Storage
One 2.5" SATA interface
Random Vibration
Operating 0.5 Grms, 5-500 Hz, 3 axes w/ HDD
Safety compliance
CE/FCC, UL, RoHS



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com