Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BES033E Datasheet(PDF) 1 Page - Balluff Korea Ltd.

Part # BES033E
Description  Inductive Sensors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BALLUFF [Balluff Korea Ltd.]
Direct Link  https://www.balluff.com/en/kr/home/
Logo BALLUFF - Balluff Korea Ltd.

BES033E Datasheet(HTML) 1 Page - Balluff Korea Ltd.

  BES033E Datasheet HTML 1Page - Balluff Korea Ltd. BES033E Datasheet HTML 2Page - Balluff Korea Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Inductive Sensors
BES 516-300-S223
Order Code: BES033E
Internet
www.balluff.com
eCl@ss 9.1: 27-27-01-01
Subject to change without notice: 550429
ETIM 6.0: EC002714
BES033E_0.26_2020-03-05
1 / 2
1) Sensing surface, 2) ≤ core Ø
Basic features
Approval/Conformity
CE
EAC
WEEE
Basic standard
IEC 60947-5-2
Display/Operation
Function indicator
yes
Power indicator
no
Electrical connection
Connection
M12x1-Male, 4-pin, A-coded
Polarity reversal protected
yes
Protection against device mix-ups
no
Short-circuit protection
no
Electrical data
Load capacitance max. at Ue
1 µF
Min. operating current Im
0 mA
No-load current Io max., damped
28 mA
No-load current Io max., undamped
28 mA
Operating voltage Ub
10...32 VDC
Rated insulation voltage Ui
75 V DC
Rated operating current Ie
130 mA
Rated operating voltage Ue DC
24 V
Rated short circuit current
100 A
Ripple max. (% of Ue)
15 %
Switching frequency
500 Hz
Utilization category
DC -13
Voltage drop static max.
2.8 V
Environmental conditions
Ambient temperature
-25...70 °C
Contamination scale
3
EN 60068-2-27, Shock
Half-sinus, 30 gn, 11 ms
EN 60068-2-6, Vibration
55 Hz, amplitude 1 mm, 3x30 min
Protection degree
IP67
Material
Housing material
Brass, nickel plated
Material sensing surface
PBT
Surface protection
nickel plated


Similar Part No. - BES033E

ManufacturerPart #DatasheetDescription
logo
Balluff Korea Ltd.
BES0330 BALLUFF-BES0330 Datasheet
111Kb / 2P
Inductive Sensors
BES033H BALLUFF-BES033H Datasheet
99Kb / 2P
Inductive Sensors
2023-06-27
BES033J BALLUFF-BES033J Datasheet
101Kb / 2P
Inductive Sensors
BES033Y BALLUFF-BES033Y Datasheet
112Kb / 2P
Inductive Sensors
2023-04-18
More results

Similar Description - BES033E

ManufacturerPart #DatasheetDescription
logo
Balluff Korea Ltd.
BES05YE BALLUFF-BES05YE Datasheet
117Kb / 2P
Inductive Sensors
BES05YP BALLUFF-BES05YP Datasheet
120Kb / 2P
Inductive Sensors
BES013H BALLUFF-BES013H Datasheet
118Kb / 2P
Inductive Sensors
BES048N BALLUFF-BES048N Datasheet
113Kb / 2P
Inductive Sensors
BES0548 BALLUFF-BES0548 Datasheet
112Kb / 2P
Inductive Sensors
BES00ZK BALLUFF-BES00ZK Datasheet
112Kb / 2P
Inductive Sensors
BES01K9 BALLUFF-BES01K9 Datasheet
112Kb / 2P
Inductive Sensors
BES0447 BALLUFF-BES0447 Datasheet
118Kb / 2P
Inductive Sensors
BES01KF BALLUFF-BES01KF Datasheet
116Kb / 2P
Inductive Sensors
BES01KU BALLUFF-BES01KU Datasheet
104Kb / 2P
Inductive Sensors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com