Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OLF100 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # OLF100
Description  Phototransistor - Hermetic Surface Mount Optocoupler
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

OLF100 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  OLF100 Datasheet HTML 1Page - List of Unclassifed Manufacturers OLF100 Datasheet HTML 2Page - List of Unclassifed Manufacturers OLF100 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
ELECTRICAL CHARACTERISTIC ( T
A = - 55 °C to +125 °C, Unless Otherwise Specified )
Parameter
Symbol
Min
Typ.
Max Units
Test Conditions
Fig. Note
ALL TYPICAL @ T
A = 25°C
Absolute Maximum Ratings
± 1000 Vdc
-65
°C to + 150 °C
-55
°C to + 125 °C
240
°C
40 mA
1 A
2.0 V
40 V
7 V
45 V
50 mA
300 mW
Coupled
Input to Output Isolation Voltage
Storage Temperature Range
Operation Temperature Range
Mounting Temperature Range ( 10 seconds max. )
Input Diode
Average Input Current
Peak Forward Current
Reverse Voltage
Output Detector
Collector - Emitter Voltage
Emitter - Base Voltage
Collector - Base Voltage
Continuous Collector Current
Power Dissipation
Current Transfer Ratio
Saturation Voltage
Breakdown Voltage
Collector to Emitter
Collector to Base
Emitter to Collector
Leakage Current
Collector to Emitter
Input Forward Voltage
Input Reverse Current
Input to Output Leakage
Current
Turn On Time
Turn Off Time
CTR
VCE(SAT)
BVCEO
BVCBO
BVECO
I CEO
VF
I R
I I - O
t ON
t OFF
100
100
30
70
5
0.90
200
200
0.15
1.3
5
5
I F = 10 mA, VCE = 5.0V
I F = 1mA, VCE = 5.0V
I F = 10mA, I C = 1.0mA
I CE = 100
µA, TA = 25 °C
I CB = 10
µA, TA = 25 °C
I EC = 100
µA, TA = 25 °C
VCE = 20V, TA = 25
°C
VCE = 20V, TA = 100
°C
I F = 10mA
V R = 3.0V
Relative Humidity
≤ 50%
TA = 25
°C, V I - O = 1000 Vdc
VCC = 10V, RL = 100
Ω
I C = 2mA, TA =25
°C
1
0.3
100
100
1.7
100
1.0
15
15
%
%
V
V
V
V
nA
µA
V
µA
µA
µS
µS
2,3
1
4,5
2



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com