Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

50N06L-TN3-R Datasheet(PDF) 1 Page - VBsemi Electronics Co.,Ltd

Part # 50N06L-TN3-R
Description  N-Channel 60 V (D-S) MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VBSEMI [VBsemi Electronics Co.,Ltd]
Direct Link  www.VBsemi.com
Logo VBSEMI - VBsemi Electronics Co.,Ltd

50N06L-TN3-R Datasheet(HTML) 1 Page - VBsemi Electronics Co.,Ltd

  50N06L-TN3-R Datasheet HTML 1Page - VBsemi Electronics Co.,Ltd 50N06L-TN3-R Datasheet HTML 2Page - VBsemi Electronics Co.,Ltd 50N06L-TN3-R Datasheet HTML 3Page - VBsemi Electronics Co.,Ltd 50N06L-TN3-R Datasheet HTML 4Page - VBsemi Electronics Co.,Ltd 50N06L-TN3-R Datasheet HTML 5Page - VBsemi Electronics Co.,Ltd 50N06L-TN3-R Datasheet HTML 6Page - VBsemi Electronics Co.,Ltd 50N06L-TN3-R Datasheet HTML 7Page - VBsemi Electronics Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
FEATURES
•
175 °C Junction Temperature
•
TrenchFET® Power MOSFET
• Material categorization:
Notes:
a. Package limited.
b. Surface mounted on 1" x 1" FR4 board.
c. t
 10 s.
PRODUCT SUMMARY
VDS (V)
RDS(on) ()
ID (A)
a
60
0.0
12 at V
GS = 10 V
0.01
3 at V
GS = 4.5 V
45
ABSOLUTE MAXIMUM RATINGS (TC = 25 °C, unless otherwise noted)
Parameter
Symbol
Limit
Unit
Gate-Source Voltage
VGS
± 20
V
Continuous Drain Current (TJ = 175 °C)
b
TC = 25 °C
ID
A
TC = 100 °C
45a
Pulsed Drain Current
IDM
100
Continuous Source Current (Diode Conduction)
IS
50a
Avalanche Current
IAS
50
Single Avalanche Energy (Duty Cycle
 1 %)
L = 0.1 mH
EAS
125
mJ
Maximum Power Dissipation
TC = 25 °C
PD
136
W
TA = 25 °C
3b, 8.3b, c
Operating Junction and Storage Temperature Range
TJ, Tstg
- 55 to 175
°C
THERMAL RESISTANCE RATINGS
Parameter
Symbol
Typical
Maximum
Unit
Maximum Junction-to-Ambienta
t
 10 sec
RthJA
15
18
°C/W
Steady State
40
50
Maximum Junction-to-Case
RthJC
0.85
1.1
N-Channel 60 V (D-S) MOSFET
5
0
5
0
TO-252
S
GD
N-Channel MOSFET
G
D
S
www.VBsemi.tw
E-mail:China@VBsemi TEL:86-755-83251052
50N06L-TN3-R
1


Similar Part No. - 50N06L-TN3-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
50N06L-TN3-R UTC-50N06L-TN3-R Datasheet
330Kb / 8P
50 Amps, 60 Volts N-CHANNEL POWER MOSFET
50N06L-TN3-R UTC-50N06L-TN3-R Datasheet
345Kb / 8P
50 Amps, 60 Volts N-CHANNEL POWER MOSFET
50N06L-TN3-R UTC-50N06L-TN3-R Datasheet
325Kb / 8P
N-CHANNEL POWER MOSFET
50N06L-TN3-R UTC-50N06L-TN3-R Datasheet
215Kb / 6P
50A, 60V N-CHANNEL POWER MOSFET
More results

Similar Description - 50N06L-TN3-R

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
2N7000 VISHAY-2N7000 Datasheet
51Kb / 5P
N-Channel 60-V (D-S) MOSFET
16-Jul-01
SI1026X VISHAY-SI1026X_08 Datasheet
113Kb / 5P
N-Channel 60-V (D-S) MOSFET
24-Mar-08
SUM90N06-5M5P VISHAY-SUM90N06-5M5P Datasheet
116Kb / 6P
N-Channel 60-V (D-S) MOSFET
03-Dec-07
SUP90N06-6M0P VISHAY-SUP90N06-6M0P Datasheet
115Kb / 6P
N-Channel 60-V (D-S) MOSFET
03-Dec-07
logo
Analog Power
AM3458N ANALOGPOWER-AM3458N Datasheet
372Kb / 5P
N-Channel 60-V (D-S) MOSFET
AM3962N ANALOGPOWER-AM3962N Datasheet
186Kb / 3P
N-Channel 60-V (D-S) MOSFET
AM4962NE ANALOGPOWER-AM4962NE Datasheet
226Kb / 5P
N-Channel 60-V (D-S) MOSFET
AM7460N ANALOGPOWER-AM7460N Datasheet
182Kb / 3P
N-Channel 60-V (D-S) MOSFET
AM7462N ANALOGPOWER-AM7462N Datasheet
417Kb / 5P
N-Channel 60-V (D-S) MOSFET
AM7466N ANALOGPOWER-AM7466N Datasheet
377Kb / 5P
N-Channel 60-V (D-S) MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com