Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

T22C686K050CSS Datasheet(PDF) 6 Page - Vishay Siliconix

Part # T22C686K050CSS
Description  Wet Tantalum SMD Capacitors, Tantalum Metal Case With Glass-to-Tantalum Hermetic Seal
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

T22C686K050CSS Datasheet(HTML) 6 Page - Vishay Siliconix

Back Button T22C686K050CSS Datasheet HTML 2Page - Vishay Siliconix T22C686K050CSS Datasheet HTML 3Page - Vishay Siliconix T22C686K050CSS Datasheet HTML 4Page - Vishay Siliconix T22C686K050CSS Datasheet HTML 5Page - Vishay Siliconix T22C686K050CSS Datasheet HTML 6Page - Vishay Siliconix T22C686K050CSS Datasheet HTML 7Page - Vishay Siliconix T22C686K050CSS Datasheet HTML 8Page - Vishay Siliconix T22C686K050CSS Datasheet HTML 9Page - Vishay Siliconix T22C686K050CSS Datasheet HTML 10Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
T22
www.vishay.com
Vishay
Revision: 13-May-2020
6
Document Number: 40187
For technical questions, contact: tantalum@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
ENVIRONMENTAL CHARACTERISTICS
ITEM
CONDITION
POST TEST PERFORMANCE
Stability at low and
high temperatures
As specified in MIL-PRF-39006
The capacitors shall meet the requirements of MIL-PRF-39006
Seal
MIL-PRF-39006
Method 112 of MIL-STD-202,
conditions A and C
When the capacitors are tested as specified in MIL-PRF-39006,
there shall be no evidence of leakage.
Moisture resistance
MIL-PRF-55365
Method 106 of MIL-STD-202,
number of cycles: 10 continuous cycles except
that steps 7a and 7b shall be omitted.
DC leakage
Capacitance change
ESR
Not exceed 125 % of the specified value
Within ±10 % of the initial measured value
Not exceed the specified value
Barometric pressure
(reduced)
Method 105 of MIL-STD-202, condition E
(150 000 feet) (45,720.1 m).
There shall be no mechanical or visual damage to capacitors
post-conditioning.
Low temperature
storage
MIL-PRF-39006
Method 502 of MIL-STD-810,
Storage temperature: - 62 °C + 0 °C, - 3 °C
Exposure time: 72 h followed by a 1 h exposure
at + 125 °C + 7 °C, - 0 °C within 24 h after low
temperature storage.
DC leakage
Capacitance change
ESR
Not to exceed 125 % of the specified value
Within ± 10 % of the initial measured value
Not exceed the specified value
Salt atmosphere
(corrosion)
MIL-PRF-39006
Method 101 of MIL-STD-202,
condition B (48 h), applicable salt solution: 5 %
There shall be no harmful corrosion. Marking shall remain legible.
MECHANICAL PERFORMANCE CHARACTERISTICS
ITEM
CONDITION
POST TEST PERFORMANCE
Shear test
AEC-Q200-006
Apply a pressure load of 5 N for 10 s ± 1 s
horizontally to the center of capacitor
side body.
DC leakage
Capacitance change
ESR
Not to exceed 125 % of the specified value
Within ± 10 % of the initial measured value
Not exceed the specified value
There shall be no mechanical or visual damage to capacitors
post-conditioning.
Solderability
MIL-STD-202, method 208, test B
ANSI/J-STD-002:
SnPb solder - test B
Pb-free solder - test B1
All terminations shall exhibit a continuous solder coating free
from defects for a minimum of 95 % of the critical area of any
individual lead.
Resistance
to solvent
MIL-STD-202, method 215
There shall be no mechanical or visual damage to capacitors
post-conditioning. Marking shall remain legible, no degradation
of the can material.
Insulation
resistance
Method 302 of MIL-STD-202, condition B
(500 VDC ± 10 %)
The insulation resistance shall be not less than 100 M
.
The capacitors shall meet the requirements of MIL-PRF-39006.
Shock
(specified pulse)
MIL-STD-202, method 213,condition D (500 g)
The capacitors shall meet the requirements of MIL-PRF-39006.
Vibration,
high frequency
MIL-STD-202, method 204, condition H
(80 g peak)
The capacitors shall meet the requirements of MIL-PRF-39006.
Random vibration
MIL-STD-202, method 214, condition II-G
(overall RMS 27.78 G)
The capacitors shall meet the requirements of MIL-PRF-39006.
Thermal shock
MIL-STD-202, method 107, condition A
Thermal shock shall be in accordance with MIL-PRF-39006 when
tested for 300 cycles.
Resistance to
soldering heat
MIL-STD-202, method 210, condition J,
except with only one heat cycle
Capacitance change
ESR
Leakage current
Within ± 10 % of initial
Initial specified value or less
Initial specified value or less
There shall be no mechanical or visual damage to capacitors
post-conditioning.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com