Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WFMB2010R0100FEA2 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # WFMB2010R0100FEA2
Description  Power Metal Plate™ Current Sense Resistors, Low Value (10 mΩ to 500 mΩ), Surface-Mount, High Power
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

WFMB2010R0100FEA2 Datasheet(HTML) 3 Page - Vishay Siliconix

  WFMB2010R0100FEA2 Datasheet HTML 1Page - Vishay Siliconix WFMB2010R0100FEA2 Datasheet HTML 2Page - Vishay Siliconix WFMB2010R0100FEA2 Datasheet HTML 3Page - Vishay Siliconix WFMB2010R0100FEA2 Datasheet HTML 4Page - Vishay Siliconix WFMB2010R0100FEA2 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
WFM
www.vishay.com
Vishay Dale
Revision: 13-May-2020
3
Document Number: 30387
For technical questions, contact: ww2bresistors@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
PULSE ENERGY AND POWER VS. TIME
Notes
• Data is valid for 33 m
. Other resistance values require separate testing
• Continuous pulse chart is tested using a square wave pulse of 10 % duty cycle, not exceeding 0.5 % resistance change
DERATING - TERMINAL TEMPERATURE
Note
(1) Typical performance is based on summary statistics from qualification data. Performance may vary based on application operating
conditions
0.1
1
10
100
1000
1
10
100
1000
10 000
0.0001 0.001
0.01
0.1
1
10
100
Single Pulse
Pulse Length (s)
2512 (W)
2010 (J)
2512 (J)
2010 (W)
0.1
1
10
100
1000
0.1
1
10
100
1000
0.01
0.1
1
10
Continuous Pulse
Pulse Length (s)
2512 (W)
2010 (J)
2512 (J)
2010 (W)
0.001
100
1,000
10
100
1000
10000
0
20
40
60
80
100
120
0
20406080
100 120 140 160 180
Axis Title
Terminal Temperature (°C)
2010
10
100
1000
10000
0
20
40
60
80
100
120
0
20406080
100 120 140 160 180
Axis Title
Terminal Temperature (°C)
2512
PERFORMANCE
TEST
CONDITIONS OF TEST
TEST LIMITS
TYPICAL PERFORMANCE (1)
CuMn
NiCr
Thermal shock
-55 °C to +150 °C, 2000 cycles, 15 min at each extreme
± 0.5 %
-0.3 %
+0.15 %
Low temperature storage
-65 °C for 24 h
± 0.1 %
± 0.5 %
+0.05 %
High temperature exposure
2000 h at +170 °C
± 1.0 %
-0.18 %
+0.15 %
Bias humidity
+85 °C, 85 % RH, 10 % power, 1000 h
± 0.5 %
+0.1 %
+0.05 %
Mechanical shock
100 g’s for 6 ms, 5 pulses
± 0.2 %
± 0.5 %
± 0.5 %
Vibration
Frequency varied 10 Hz to 2000 Hz in 1 min, 3 directions, 12 h
± 0.2 %
± 0.5 %
± 0.5 %
Load life
2000 h at maximum terminal temperature at rated power
± 0.7 %
-0.1 %
+0.1 %
Resistance to solder heat
+260 °C solder, 10 s to 12 s dwell, 25 mm/s emergence
± 0.3 %
+0.15 %
± 0.5 %
Moisture resistance
MIL-STD-202, method 106, 0 % power, 7b not required
± 0.3 %
+0.1 %
+0.05 %



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com