Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AC328904 Datasheet(PDF) 2 Page - Microchip Technology

Part # AC328904
Description  PIC32 Audio Codec Daughter Board WM8904 Information Sheet
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

AC328904 Datasheet(HTML) 2 Page - Microchip Technology

  AC328904 Datasheet HTML 1Page - Microchip Technology AC328904 Datasheet HTML 2Page - Microchip Technology AC328904 Datasheet HTML 3Page - Microchip Technology AC328904 Datasheet HTML 4Page - Microchip Technology AC328904 Datasheet HTML 5Page - Microchip Technology AC328904 Datasheet HTML 6Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Figure 1. PIC32 Audio Codec Daughter Board WM8904 Schematic
rotatethispage90
1
1
2
2
3
3
4
4
5
5
6
6
D
D
C
C
B
B
A
A
+5V_PD
+3.3V
+9 V
HDR-2.54 Female 2x10
J1
HDR-2.54 Female 2x6
J2
MB CONNECTORS
UART1_Tx
I2S1_LRCL
I2S1_BCLK
I2S1_MOSI
CARD_ID
+3.3V
approx. 1.0V
HP OUT
STBY/RST
I2S1_MISO
SDA1
SCL1
UART1_Rx
I2S1_MCLK
UART1_CTS#
UART1_RTS#
VIN
1
VSS 2
SHDN
3
NC
4
VOUT 5
MCP1801/1.8V
U2
0.1R
R3
+3.3V
+3.3V
SDA1
SCL1
1uF
C2
10uF
C1
10uF
C3
SJI-3535NG-GR
(Green)
VCC_P1V8 (1.8V)
+1.8V
MICVDD
DBVDD
AVDD
CPVDD
DCVDD
AGND
AGND
AGND
2.2uF
C14
4.7uF
C9
4.7uF
C15
4.7uF
C16
AGND
0R
R8
0R
R7
20R
R10
20R
R12
470pF
C6
470pF
C7
4.7uF
C23
0.1uF
C18
0R
R20
DNP
R6
4.7uF
C12
DNP
R15
DNP
R16
AGND
AGND
0.1uF
C4
0.1uF
C5
AGND
5
1
4
3
2
J4
AGND
0R
R14
0R
R17
1uF
C8
1uF
C10
DNP
R18
DNP
R19
470pF
C11
5
1
4
3
2
J3
MIC IN
(Pink)
SJI-3535NG-PI
470pF
C13
AGND
AGND
AGND
GND
MICVDD
DBVDD
AVDD
CPVDD
DCVDD
+3.3V
4.7uF
C19
AGND
+3.3V
0.1uF
C21
4.7uF
C22
VCC_P1V8
2.2uF
C17
0.1uF
C20
AGND
VCC_P1V8
0.1uF
C24
AGND
VCC_P1V8
0.1uF
C27
4.7uF
C26
SDA1
SCL1
LRCL
BCLK
I2S1_MCLK
UART1_RTS#
2.2k
R11
2.2k
R13
1nF
C25
1
2
3
J6
I2S2_LRCL
I2S2_BCLK
I2S2_MOSI
I2S2_MISO
I2S2_LRCL
I2S2_BCLK
I2S2_MOSI
I2S2_MISO
1
2
3
J7
1
2
3
J8
1
2
3
J9
I2S1_BCLK
BCLK
MOSI
MOSI
MISO
I2S1_LRCL
I2S1_MOSI
MISO
I2S1_MISO
LRCL
IRQ/GPIO1
1
SCLK
2
SDA
3
DBVDD
4
DGND
5
DCVDD
6
CPVDD
7
CPCA 8
CPGND
9
CPCB
10
CPVOUTP 11
CPVOUTN 12
HPOUTL
13
HPOUTFB 14
HPOUTR 15
LINEOUTL 16
LINEOUTFB 17
LINEOUTTR
18
MICVDD
19
MICBIAS
20
VMIDC 21
AGND 22
AVDD
23
IN2R
24
IN1R/DMICDAT2
25
IN2L
26
IN1L/DMICDAT1
27
MCLK
28
BCLK/GPIO4
29
ADCDAT 31
DACDAT
32
T-PAD 33
LRCLK
30
U1
WM8904CGEFL/V
5
1
4
3
2
J5
LINE IN
SJI-3535NG-BE
(Blue)
5.6k
R23
10k
R26
220pF
C30
5.6k
R24
5.6k
R21
5.6k
R22
220pF
C31
1uF
C29
1uF
C28
10k
R25
AGND
AGND
AGND
AGND
AGND
BLM15BA050SN1D
FB1
10uF
TANT-A
C32
BLM15BA050SN1D
FB2
BLM15BA050SN1D
FB3
BLM15BA050SN1D
FB4
BLM15BA050SN1D
FB5
BLM15BA050SN1D
FB6
BLM15BA050SN1D
FB7
BLM15BA050SN1D
FB8
10uF
TANT-A
C33
62k
R1
27k
R2
Shunt 2.54mm 1x2
JP6
Shunt 2.54mm 1x2
JP7
Shunt 2.54mm 1x2
JP8
Shunt 2.54mm 1x2
JP9
LABEL Need Help Small
LABEL1
4.7k
R4
4.7k
R5
22R
R9
22R
R9



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com