Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TN2124 Datasheet(PDF) 4 Page - Microchip Technology

Part # TN2124
Description  N-Channel Enhancement-Mode Vertical DMOS FET
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TN2124 Datasheet(HTML) 4 Page - Microchip Technology

  TN2124 Datasheet HTML 1Page - Microchip Technology TN2124 Datasheet HTML 2Page - Microchip Technology TN2124 Datasheet HTML 3Page - Microchip Technology TN2124 Datasheet HTML 4Page - Microchip Technology TN2124 Datasheet HTML 5Page - Microchip Technology TN2124 Datasheet HTML 6Page - Microchip Technology TN2124 Datasheet HTML 7Page - Microchip Technology TN2124 Datasheet HTML 8Page - Microchip Technology TN2124 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
TN2124
DS20005698A-page 4
 2018 Microchip Technology Inc.
2.0
TYPICAL PERFORMANCE CURVES
2.0
1.6
1.2
0.8
0.4
0
0
10
20
30
40
50
V
DS (volts)
V
GS = 10V
6V
8V
4V
3V
2V
Note:
The graphs and tables provided following this note are a statistical summary based on a limited number of
samples and are provided for informational purposes only. The performance characteristics listed herein
are not tested or guaranteed. In some graphs or tables, the data presented may be outside the specified
operating range (e.g. outside specified power supply range) and therefore outside the warranted range.
FIGURE 2-1:
Output Characteristics.
1.0
0.8
0.6
0.4
0.2
0
0
0.2
0.4
0.6
0.8
1.0
I
D (amperes)
T
A = 125
OC
V
DS = 25V
-55OC
25
OC
FIGURE 2-2:
Transconductance vs. Drain
Current.
0
10
100
1000
10
1.0
0.1
0.01
SOT-23 (pulsed)
SOT-23 (DC)
T
A = 25
OC
V
DS (volts)
FIGURE 2-3:
Maximum Rated Safe
Operating Area.
FIGURE 2-4:
Saturation Characteristics.
1.0
0.8
0.6
0.4
0.2
0
0
2.0
4.0
6.0
8.0
10
2V
3V
V
GS = 10V
4V
6V
8V
V
DS (volts)
T
A (
OC)
0
25
50
75
100
125
150
2.0
1.6
1.2
0.8
0.4
0
SOT-23
FIGURE 2-5:
Power Dissipation vs.
Temperature.
1.0
0.8
0.6
0.4
0.2
0
0.001
0.01
0.1
1.0
10
t
P (seconds)
SOT-23
T
A = 25
OC
P
D = 0.36W
FIGURE 2-6:
Thermal Response
Characteristics.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com