Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IMP34DT05 Datasheet(PDF) 13 Page - STMicroelectronics

Part # IMP34DT05
Description  MEMS audio sensor omnidirectional digital microphone for industrial applications
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

IMP34DT05 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button IMP34DT05 Datasheet HTML 9Page - STMicroelectronics IMP34DT05 Datasheet HTML 10Page - STMicroelectronics IMP34DT05 Datasheet HTML 11Page - STMicroelectronics IMP34DT05 Datasheet HTML 12Page - STMicroelectronics IMP34DT05 Datasheet HTML 13Page - STMicroelectronics IMP34DT05 Datasheet HTML 14Page - STMicroelectronics IMP34DT05 Datasheet HTML 15Page - STMicroelectronics IMP34DT05 Datasheet HTML 16Page - STMicroelectronics IMP34DT05 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
9
Package information
In order to meet environmental requirements, ST offers these devices in different grades of ECOPACK packages,
depending on their level of environmental compliance. ECOPACK specifications, grade definitions and product
status are available at: www.st.com. ECOPACK is an ST trademark.
9.1
Soldering information
The HCLGA (3 x 4) 4LD package is also compliant with the RoHS and “Green” standards and is qualified for
soldering heat resistance according to JEDEC J-STD-020.
Land pattern and soldering recommendations are available at www.st.com.
Figure 10. Recommended soldering profile limits
RAMP-DOWN
RAMP-UP
ts
PREHEAT
t
L
tp
TL to TP
TSMAX
TSMIN
TP
TL
30 60 90 120 150 180
210 240
270 300
330 360 390
T25° to PEAK
CRITICAL ZONE
TIME
Table 7. Recommended soldering profile limits
Description
Parameter
Pb free
Average ramp rate
TL to TP
3 °C/sec max
Preheat
Minimum temperature
TSMIN
150 °C
Maximum temperature
TSMAX
200 °C
Time (TSMIN to TSMAX)
tS
60 sec to 120 sec
Ramp-up rate
TSMAX to TL
Time maintained above liquidus temperature
Liquidus temperature
tL
TL
60 sec to 150 sec
217 °C
Peak temperature
TP
260 °C max
Time within 5 °C of actual peak temperature
20 sec to 40 sec
Ramp-down rate
6 °C/sec max
Time 25 °C (t25 °C) to peak temperature
8 minutes max
IMP34DT05
Package information
DS12725 - Rev 3
page 13/20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com