Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC2215-RYMLTR Datasheet(PDF) 13 Page - Microchip Technology

Part # MIC2215-RYMLTR
Description  High PSRR, Low Noise 關Cap Triple LDO
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC2215-RYMLTR Datasheet(HTML) 13 Page - Microchip Technology

Back Button MIC2215-RYMLTR Datasheet HTML 9Page - Microchip Technology MIC2215-RYMLTR Datasheet HTML 10Page - Microchip Technology MIC2215-RYMLTR Datasheet HTML 11Page - Microchip Technology MIC2215-RYMLTR Datasheet HTML 12Page - Microchip Technology MIC2215-RYMLTR Datasheet HTML 13Page - Microchip Technology MIC2215-RYMLTR Datasheet HTML 14Page - Microchip Technology MIC2215-RYMLTR Datasheet HTML 15Page - Microchip Technology MIC2215-RYMLTR Datasheet HTML 16Page - Microchip Technology MIC2215-RYMLTR Datasheet HTML 17Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 22 page
background image
 2019 Microchip Technology Inc.
DS20006274A-page 13
MIC2215
The maximum junction temperature of the die (TJ(MAX))
is +125° and is also the ambient operating temperature
(TA). θJA is layout dependent; the junction-to-ambient
thermal resistance for the MIC2215 can be found in the
Temperature Specifications section.
The actual power dissipation of the regulator circuit can
be determined using the following equation:
EQUATION 5-2:
PDTOTAL
PDLDO1 PDLDO2 PDLDO3
++
=
Where:
PDLDO1 = (VIN1 – VOUT1) x IOUT1
PDLDO2 = (VIN2 – VOUT2) x IOUT2
PDLDO3 = (VIN3 – VOUT3) x IOUT3
Substituting PD(MAX) for PD and solving for the
operating conditions that are critical to the application
will give the maximum operating conditions for the
regulator circuit. For example, when operating the
MIC2215 at 60°C with a minimum footprint layout, the
maximum load currents can be calculated as follows:
EQUATION 5-3:
PDMAX

125
C 60C
–
 43C/W
1.511W
==
The junction-to-ambient thermal resistance for the
minimum footprint is 43°C/W. The maximum power
dissipation must not be exceeded for proper operation.
Using a lithium-ion battery as the supply voltage
(2.8V/250 mA for channel 1, 3V/100 mA for channel 2,
and 2.8V/50 mA for channel 3), maximum power can
be calculated as follows:
EQUATION 5-4:
PDLDO1
4.2V
2.8V
–
 250mA
=
PDLDO1
350mW
=
PDLDO2
4.2V
3.0V
–
 100mA
=
PDLDO2
120mW
=
PDLDO3
4.2V
2.8V
–
 50mA
=
PDLDO3
70mW
=
PDTOTAL
350mW
120mW
70mW
++
=
PDTOTAL
540mW
=
The calculation shows that the device is well below the
maximum allowable power dissipation of 1.511W for a
60°C ambient temperature. After the maximum power
dissipation has been calculated, it is always good
practice
to
calculate
the
maximum
ambient
temperature for a 125°C junction temperature.
Calculating maximum ambient temperature follows:
EQUATION 5-5:
T AMAX

T JMAX

PD JA

–
=
T AMAX

125
C
540mW
43
C/W

–
=
T AMAX

101
C
=
For more information, please refer to the Designing
with Low-Dropout Voltage Regulators Handbook.
5.9
Adjustable Regulator Application
Adjustable regulators use the ratio of two resistors to
multiply the reference voltage to produce the desired
output voltage. The MIC2215 can be adjusted from
1.25V to 5.5V, the maximum VDROPOUT, by using two
external resistors (Figure 5-1). The resistors set the
output voltage based on the following equation:
EQUATION 5-6:
V OUT
V REF
1
R1
R2
-------
+


=
Where:
VREF = 1.25V
OUT1
ADJ1
MIC2215-AAA_ML
R1
R2
FIGURE 5-1:
Adjustable Output.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com