Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AH321 Datasheet(PDF) 2 Page - Apacer Technology Inc.

Part # AH321
Description  USB drive
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APACER [Apacer Technology Inc.]
Direct Link  https://www.apacer.com/
Logo APACER - Apacer Technology Inc.

AH321 Datasheet(HTML) 2 Page - Apacer Technology Inc.

  AH321 Datasheet HTML 1Page - Apacer Technology Inc. AH321 Datasheet HTML 2Page - Apacer Technology Inc. AH321 Datasheet HTML 3Page - Apacer Technology Inc. AH321 Datasheet HTML 4Page - Apacer Technology Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
AH321
Overview
‧ USB 2.0 high-speed transmission
‧ Implements advanced wear-leveling algorithms
‧ ECC engine
‧ Power Saving implemented
‧ Optional Industrial temp. range -40°C to 85°C
Regarding the importance of data storage for embedded
application, Apacer's USB drive is compact and portable
industrial-grade USB drive boosting “stability” and
“durability.”With the superb reliability of SLC chips and the
advantage of Fixed B.O.M., Apacer highlights that the firmware
and major components of all the products can be fixed upon
customers’ recognition and verification. This reduces the risk of
out-of-stock and compatibility issues, ensuring high durability
and reliability for customers.
Feature



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com