Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CF6A Datasheet(PDF) 3 Page - Apacer Technology Inc.

Part # CF6A
Description  Apacerindustrial CF6A card
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APACER [Apacer Technology Inc.]
Direct Link  https://www.apacer.com/
Logo APACER - Apacer Technology Inc.

CF6A Datasheet(HTML) 3 Page - Apacer Technology Inc.

  CF6A Datasheet HTML 1Page - Apacer Technology Inc. CF6A Datasheet HTML 2Page - Apacer Technology Inc. CF6A Datasheet HTML 3Page - Apacer Technology Inc. CF6A Datasheet HTML 4Page - Apacer Technology Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Specifications
Model
Industrial CF6A
Interface
PC Card Memory Mode; PC Card I/O Mode; True IDE Mode
Connector
50-pin
Form Factor
CompactFlash Type I
Transfer Mode
PIO Mode 6 , Multiword DMA Mode 4 ,
Ultra DMA Mode 7, PCMCIA UDMA Mode 7
NAND Flash Type
SLC
Capacity
256MB~32GB
Sustained Read Performance (MB/sec)
Up to 60
Sustained Write Performance (MB/sec)
Up to 65
ECC Engine
Built-in 72-bit per 1K bytes BCH ECC
Standard Operating Temperature ( °C )
0 ~ + 70
Extended Operating Temperature ( °C )
-40 ~ + 85
Storage Temperature ( °C )
-40 ~ + 100
H/W Write Protect
Yes
Shock
Operation: 50G, 11ms
Non-operation: 1500G, 0.5ms
Vibration
Operation: 7.69 Grms, 20~2000 Hz/random
(compliant with MIL-STD-810G)
Non-operation: 4.02 Grms, 15 ~ 2000 Hz/sine
Operating Voltage
3.3 V / 5.0 V ± 5%
Power Consumption
Operating Voltage: 3.3V
Active mode: 165 mA / Standby mode: 10 mA
Operating Voltage: 5.0V
Active mode: 230 mA / – Standby mode: 10 mA
Dimension (L x W x H )
36.4mm x 42.8mm x 3.3mm
MTBF (hours)
>2,000,000



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com