Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CFAST-2 Datasheet(PDF) 2 Page - Apacer Technology Inc.

Part # CFAST-2
Description  SATA 3.0 (6Gb/s) CFast 2.0 memory card
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APACER [Apacer Technology Inc.]
Direct Link  https://www.apacer.com/
Logo APACER - Apacer Technology Inc.

CFAST-2 Datasheet(HTML) 2 Page - Apacer Technology Inc.

  CFAST-2 Datasheet HTML 1Page - Apacer Technology Inc. CFAST-2 Datasheet HTML 2Page - Apacer Technology Inc. CFAST-2 Datasheet HTML 3Page - Apacer Technology Inc. CFAST-2 Datasheet HTML 4Page - Apacer Technology Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
CFast 2
Overview
‧ Compliant with CFast 2.0 specifications
‧ Built-in ATA Secure Erase and S.M.A.R.T. Functions
‧ Advanced wear-leveling and Block Management
‧ Intelligent Power Failure Recovery
‧ DEVSLP Support (Optional)
‧ HW Write-Protect Switch (Optional)
Since CompactFlash Association released the specification of
CFast 2.0, Apacer takes the lead to roll out the first industrial-
grade SATA 3.0 (6Gb/s) high-speed transmission interface CFast
2.0 memory card around the globe. Its sequential speed is up to
285/260 MB/sec and dimensions is 42.8mm x 36.4mm x
3.6mm with (7+17) pin connector. Besides featuring a 2-Channel
bidirectional structure, the CFast 2.0 adopts Toggle DDR 2.0
NAND Flash, which brings its performance to a higher level.
Support for DEVSLP (Device Sleep) power mode enables them to
switch into a low power state on standby mode so as to save
power for companies.
Feature



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com