Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CFIII Datasheet(PDF) 3 Page - Apacer Technology Inc.

Part # CFIII
Description  The Industrial CFIII cards
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APACER [Apacer Technology Inc.]
Direct Link  https://www.apacer.com/
Logo APACER - Apacer Technology Inc.

CFIII Datasheet(HTML) 3 Page - Apacer Technology Inc.

  CFIII Datasheet HTML 1Page - Apacer Technology Inc. CFIII Datasheet HTML 2Page - Apacer Technology Inc. CFIII Datasheet HTML 3Page - Apacer Technology Inc. CFIII Datasheet HTML 4Page - Apacer Technology Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Specifications
Model
Industrial CFIII (SLC)
Interface
PC Card Memory Mode; PC Card I/O Mode; True IDE Mode
Connector
50-pin
Form Factor
CompactFlash Type I
Transfer Mode
PIO Mode-6; MWDMA Mode-4; UDMA Mode-4
NAND Flash Type
SLC
Capacity
128MB~16GB
Sustained Read Performance (MB/sec)
Up to 29
Sustained Write Performance (MB/sec)
Up to 15
ECC Engine
Built-in 5-bit per 512 bytes BCH ECC
Standard Operating Temperature ( °C )
0 ~ + 70
Extended Operating Temperature ( °C )
-40 ~ + 85
Storage Temperature ( °C )
-40 ~ + 100
Shock
Non-Operation: 1,500G (X, Y, Z ; All 6 axes)
Vibration
Non-operation: 15 G, 10 ~ 2000 Hz/sine
Operating Voltage
3.3 V / 5.0 V ± 5%
Power Consumption
Operating Voltage: 3.3V
– Active mode: 80 mA
– Sleep mode: 700 uA
Operating Voltage: 5.0V
– Active mode: 95 mA
– Sleep mode: 900 uA
Dimension (L x W x H )
36.4mm x 42.8mm x 3.3mm
MTBF (hours)
>2,000,000



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com