Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CM710-CF Datasheet(PDF) 2 Page - Apacer Technology Inc.

Part # CM710-CF
Description  Apacer industrial CM710-CF card
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APACER [Apacer Technology Inc.]
Direct Link  https://www.apacer.com/
Logo APACER - Apacer Technology Inc.

CM710-CF Datasheet(HTML) 2 Page - Apacer Technology Inc.

  CM710-CF Datasheet HTML 1Page - Apacer Technology Inc. CM710-CF Datasheet HTML 2Page - Apacer Technology Inc. CM710-CF Datasheet HTML 3Page - Apacer Technology Inc. CM710-CF Datasheet HTML 4Page - Apacer Technology Inc. CM710-CF Datasheet HTML 5Page - Apacer Technology Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
CM710-CF
Overview
Apacer industrial CM710-CF card is compliant with the CF 6.1
standard compatible specifications. Apacer adopts the standard 50-
pin connector and MLC chip with higher capacity for the card. It is
available in capacities from 8GB to 128GB. The data transfer mode
is up to PIO Mode 6, Multiword DMA Mode 4, Ultra DMA Mode 6,
with the sequential read/write speed reaching as fast as 95/55
MB/sec. To help data stay correct, this CM710-CF memory card also
supports 96-bit ECC function, wear-leveling function, S.M.A.R.T.
(Self- Monitoring, Analysis, and Reporting Technology) and supply
voltage power-down detection for full power-down robustness,
thereby substantially enhancing product reliability.
*The actual available memory on the device is less than what is
listed on the package. This is due to small discrepancies in file
formats and algorithms used by various operating systems. In
addition, a portion of memory space is reserved for system files and
data sectors for better performance.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com