Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM1214-130 Datasheet(PDF) 2 Page - STMicroelectronics

Part # AM1214-130
Description  RF POWER TRANSISTORS L-BAND RADAR APPLICATIONS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AM1214-130 Datasheet(HTML) 2 Page - STMicroelectronics

  AM1214-130 Datasheet HTML 1Page - STMicroelectronics AM1214-130 Datasheet HTML 2Page - STMicroelectronics AM1214-130 Datasheet HTML 3Page - STMicroelectronics AM1214-130 Datasheet HTML 4Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
AM1214-130
2/4
ELECTRICAL SPECIFICATION (TCASE = 25°C)
STATIC
DYNAMIC @ 150 MICROSEC / 10 %
DYNAMIC @ 500 MICROSEC / 10 %
Symbol
Test Conditions
Min.
Typ.
Max.
Unit
BVCBO
IC = 20 mA
IE = 0 mA
70
V
BVCES
IC = 20 mA
VBE = 0 V
70
V
BVEBO
IE = 10 mA
IC = 0 mA
3.5
V
ICES
VCE = 40 V
VBE = 0 V
5mA
hFE
VCE = 5 V
IC = 0.25 A
10
Symbol
Test Conditions
Min.
Typ.
Max.
Unit
POUT
f = 1215 - 1400 MHz
PIN = 20 W
VCC = 50 V
130
160
W
ηC
f = 1215 - 1400 MHz
PIN = 20 W
VCC = 50 V
40
45
%
GP
f = 1215 - 1400 MHz
PIN = 20 W
VCC = 50 V
8.1
9.0
dB
Symbol
Test Conditions
Min.
Typ.
Max.
Unit
POUT
f = 1215 - 1400 MHz
PIN = 20 W
VCC = 50 V
110
140
W
ηC
f = 1215 - 1400 MHz
PIN = 20 W
VCC = 50 V
40
45
%
GP
f = 1215 - 1400 MHz
PIN = 20 W
VCC = 50 V
7.4
8.45
dB



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com