Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSA968 Datasheet(PDF) 2 Page - Continental Device India Limited

Part # CSA968
Description  PNP PLASTIC POWER TRANSISTORS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDIL [Continental Device India Limited]
Direct Link  http://www.cdilsemi.com
Logo CDIL - Continental Device India Limited

CSA968 Datasheet(HTML) 2 Page - Continental Device India Limited

  CSA968 Datasheet HTML 1Page - Continental Device India Limited CSA968 Datasheet HTML 2Page - Continental Device India Limited CSA968 Datasheet HTML 3Page - Continental Device India Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Continental Device India Limited
Data Sheet
Page 2 of 3
Collector current
IC
max.
1.5
A
Emitter current
IE
max.
1.5
A
Total power dissipation up to TC = 25°C
Ptot
max.
25
W
Junction temperature
Tj
max.
150
ºC
Storage temperature
Tstg
–65 to +150
ºC
CHARACTERISTICS
Tamb = 25°C unless otherwise specified
968 968A 968B
Collector cutoff current
IE = 0; VCB = 160 V
ICBO
max.
1.0
µA
Emitter cut-off current
IC = 0; VEB = 5 V
IEBO
max.
1.0
µA
Breakdown voltages
IC = 10 mA; IB = 0
VCEO
min.
160 180 200
V
IC = 1 mA; IE = 0
VCBO
min.
160 180 200
V
IE = 1 mA; IC = 0
VEBO
min.
5.0
V
Saturation voltage
IC = 500 mA; IB = 50 mA
VCEsat max.
1.5
V
Base emitter on voltage
IC = 500 mA; VCE = 5 V
VBE(on) max.
1.0
V
D.C. current gain
IC = 100 mA; VCE = 5 V**
hFE
min.
70
max.
240
Output capacitance at f = 1 MHz
IE = 0; VCB = 10 V
Co
typ.
30
pF
Transition frequency
IC = 100 mA; VCE = 10 V
fT
typ.
100
MHz
** hFE classification: O: 70-140 Y: 120-240
CSA968, CSA968A, CSA968B



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com