Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

G680CS Datasheet(PDF) 4 Page - BELIMO AIRCONTROLS (USA), INC

Part # G680CS
Description  Flow characteristic equal percentage
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELIMO [BELIMO AIRCONTROLS (USA), INC]
Direct Link  https://www.belimo.us/
Logo BELIMO - BELIMO AIRCONTROLS (USA), INC

G680CS Datasheet(HTML) 4 Page - BELIMO AIRCONTROLS (USA), INC

  G680CS Datasheet HTML 1Page - BELIMO AIRCONTROLS (USA), INC G680CS Datasheet HTML 2Page - BELIMO AIRCONTROLS (USA), INC G680CS Datasheet HTML 3Page - BELIMO AIRCONTROLS (USA), INC G680CS Datasheet HTML 4Page - BELIMO AIRCONTROLS (USA), INC  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Wiring Diagrams
INSTALLATION NOTES
Actuators may be connected in parallel. Power consumption and input
impedance must be observed.
Actuators may also be powered by 24 VDC.
Actuators with plenum cable do not have numbers; use color codes
instead.
Meets cULus requirements without the need of an electrical ground
connection.
!
WARNING! LIVE ELECTRICAL COMPONENTS!
During installation, testing, servicing and troubleshooting of this
product, it may be necessary to work with live electrical components.
Have a qualified licensed electrician or other individual who has been
properly trained in handling live electrical components perform these
tasks. Failure to follow all electrical safety precautions when exposed to
live electrical components could result in death or serious injury.
24 VAC Transformer
Blk (1) - Common
Red (2) +
Wht (3) +
Line
Volts
2
3
18
On/Off
Blk (1)
- Common
Red (2) +
Wht (3) +
Line
Volts
24 VAC Transformer
2
3
18
Floating Point
24 VAC Transformer (AC only)
Line
Volts
Hot
Controller
Com
Blk (1)
- Common
Red (2)
+ Hot
Wht (3)
Y
1 Input
2
18
Triac Source
Com
Line
Volts
Hot
Controller
24 VAC Transformer (AC only)
Blk (1)
- Common
Red (2)
+ Hot
Wht (3)
Y
1 Input
2
18
Triac Sink
EVX24-3 Technical Data Sheet
On/Off, Floating Point, Non-Spring Return, Linear, 24 V
800-543-9038 USA
866-805-7089 CANADA
203-791-8396 LATIN AMERICA / CARIBBEAN



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com