Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P0420HDB Datasheet(PDF) 2 Page - Wuxi U-NIKC Semiconductor CO.,LTD

Part # P0420HDB
Description  N-Channel Enhancement Mode MOSFET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UNIKC [Wuxi U-NIKC Semiconductor CO.,LTD]
Direct Link  http://www.unikc.com.cn/
Logo UNIKC - Wuxi U-NIKC Semiconductor CO.,LTD

P0420HDB Datasheet(HTML) 2 Page - Wuxi U-NIKC Semiconductor CO.,LTD

  P0420HDB Datasheet HTML 1Page - Wuxi U-NIKC Semiconductor CO.,LTD P0420HDB Datasheet HTML 2Page - Wuxi U-NIKC Semiconductor CO.,LTD P0420HDB Datasheet HTML 3Page - Wuxi U-NIKC Semiconductor CO.,LTD P0420HDB Datasheet HTML 4Page - Wuxi U-NIKC Semiconductor CO.,LTD P0420HDB Datasheet HTML 5Page - Wuxi U-NIKC Semiconductor CO.,LTD P0420HDB Datasheet HTML 6Page - Wuxi U-NIKC Semiconductor CO.,LTD P0420HDB Datasheet HTML 7Page - Wuxi U-NIKC Semiconductor CO.,LTD P0420HDB Datasheet HTML 8Page - Wuxi U-NIKC Semiconductor CO.,LTD  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
P0420HDB
N-Channel Enhancement Mode MOSFET
ELECTRICAL CHARACTERISTICS (TJ = 25 °C, Unless Otherwise Noted)
MIN
TYP
MAX
200
1
2
3
±100
nA
1
10
0.6
0.75
0.8
1.1
3
S
177
37
7.5
5.8
1.1
2.4
9
14.6
15.6
11
4
A
1.5
V
77
nS
197
nC
1Pulse test : Pulse Width
 300 msec, Duty Cycle  2%.
2Independent of operating temperature.
3Pulse width limited by maximum junction temperature.
Ω
Forward Transconductance
1
VGS = 10V, ID = 2A
Drain-Source On-State
Resistance
1
RDS(ON)
VGS = 4.5V, ID = 2A
VGS = 0V, VDS = 25V, f = 1MHz
Gate-Body Leakage
Gate Voltage Drain Current
IGSS
Gate Threshold Voltage
VDS = 160V, VGS = 0V , TC = 100 °C
PARAMETER
SYMBOL
TEST CONDITIONS
VDS = VGS, ID = 250mA
Gate-Drain Charge
2
Gate-Source Charge
2
Reverse Transfer Capacitance
Ciss
VDS = 10V, ID = 2A
gfs
td(on)
tr
td(off)
tf
Turn-On Delay Time
2
Rise Time
2
Turn-Off Delay Time
2
Fall Time
2
VGS(th)
Reverse Recovery Time
IF = 4A, VGS = 0V
IS
VSD
trr
IF = 4A, dlF/dt = 100A / mS
Qrr
Reverse Recovery Charge
Continuous Current
3
UNITS
V(BR)DSS
LIMITS
STATIC
Qgd
Output Capacitance
Qg
Drain-Source Breakdown Voltage
V
VDD = 160V, ID = 4A, VGS = 10V
SOURCE-DRAIN DIODE RATINGS AND CHARACTERISTICS (TJ = 25 °C)
VGS = 0V, ID = 250mA
pF
nC
Qgs
mA
DYNAMIC
Input Capacitance
nS
VDD = 100V,
ID = 4A, VGS = 10V
Forward Voltage
1
Total Gate Charge
2
VDS = 0V, VGS = ±20V
IDSS
Coss
Crss
VDS = 200V, VGS = 0V , TC = 25 °C
REV 1.0
2
2017/2/8



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com