Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCS473SLQTP Datasheet(PDF) 34 Page - Microchip Technology

Part # HCS473SLQTP
Description  Code Hopping Encoder and Transponder
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

HCS473SLQTP Datasheet(HTML) 34 Page - Microchip Technology

Back Button HCS473SLQTP Datasheet HTML 30Page - Microchip Technology HCS473SLQTP Datasheet HTML 31Page - Microchip Technology HCS473SLQTP Datasheet HTML 32Page - Microchip Technology HCS473SLQTP Datasheet HTML 33Page - Microchip Technology HCS473SLQTP Datasheet HTML 34Page - Microchip Technology HCS473SLQTP Datasheet HTML 35Page - Microchip Technology HCS473SLQTP Datasheet HTML 36Page - Microchip Technology HCS473SLQTP Datasheet HTML 37Page - Microchip Technology HCS473SLQTP Datasheet HTML 38Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 68 page
background image
HCS473
DS40035C-page 32
Preliminary
 2002 Microchip Technology Inc.
FIGURE 3-20:
LF DATA RESPONSE ADJUSTMENTS (LFRSP=1)
FIGURE 3-21:
LF COMMUNICATION ANALOG DELAYS
3.2.7
RECEIVE STABILITY -
CALCULATING COMMUNICATION
T
E
The HCS473’s internal oscillator may vary ±10% over
the device’s rated voltage and temperature range for
commercial temperature devices. A certain percentage
of industrial temperature devices vary further on the
slow side, -20%, when used at higher voltages (V
DD >
3.5V) and cold temperature. When the internal oscilla-
tor varies, both its transmitted T
E and expected TE
when receiving will vary.
The HCS473 receive capability is ensured over a ±10%
oscillator variance, with receive capability no longer
robust as oscillator variance approaches ±15%. Indus-
trial devices operating at V
DD voltages greater than
3.5V (and cold temperature) are therefore not guaran-
teed to be able to properly receive when communicated
to using an exact T
E. When designing for these specific
operating conditions, the system designer must imple-
ment a method to adjust communication timing to the
speed of the HCS473.
Communication reliability with the transponder may be
improved by the transponder reader calculating the
HCS473’s T
E from the Field Acknowledge sequence
and using this exact time element in communication to
and in reception routines from the transponder.
Always begin and end the time measurement on rising
edges. Whether LF or RF, the falling edge decay rates
may vary but the rising edge relationships should
remain consistent. A common T
E calculation method
would be to time an 8T
E sequence from the first Field
Acknowledge, then divide the value down to determine
the single T
E value. An 8 TE measurement will give
good resolution and may be easily right-shifted (divide
by 2) three times for the math portion of the calculation
(Figure 3-22).
IFF, Read and Request Hop
CRC
RF Response (RFRSP=1)
Inductive
(LC Pins)
RF Response
(DATA Pin)
32-Bit LF Response (LFRSP=1)
TFINH
1 LFTE
Next
Command
TCMD
TCMD
Resulting 125 kHz on
Transponder Reader
Digital Representation
of Communication from
Transponder Reader
Antenna (TX)
600
µs
400
µs
Resulting 125 kHz on
Transponder Card
Antenna (RX)
Resulting digital signal
processed by HCS473,
after analog filter
600
µs
400
µs
TFILTR
TFILTF
TANTR
TANTF
Bit ‘1’, 200
µs LFTE
Bit ‘0’, 200
µs LFTE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com