Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCS473-PSQTP Datasheet(PDF) 24 Page - Microchip Technology

Part # HCS473-PSQTP
Description  Code Hopping Encoder and Transponder
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

HCS473-PSQTP Datasheet(HTML) 24 Page - Microchip Technology

Back Button HCS473-PSQTP Datasheet HTML 20Page - Microchip Technology HCS473-PSQTP Datasheet HTML 21Page - Microchip Technology HCS473-PSQTP Datasheet HTML 22Page - Microchip Technology HCS473-PSQTP Datasheet HTML 23Page - Microchip Technology HCS473-PSQTP Datasheet HTML 24Page - Microchip Technology HCS473-PSQTP Datasheet HTML 25Page - Microchip Technology HCS473-PSQTP Datasheet HTML 26Page - Microchip Technology HCS473-PSQTP Datasheet HTML 27Page - Microchip Technology HCS473-PSQTP Datasheet HTML 28Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 68 page
background image
HCS473
DS40035C-page 22
Preliminary
 2002 Microchip Technology Inc.
3.2.2.4
Command Sequence
The transponder reader follows the HCS473’s Field
Acknowledge by sending the desired 3-bit command,
3-bit option or address, associated data and CRC;
each as required. LF commands are Pulse Position
Modulated (PPM) as shown in Figure 3-10. The last bit
(CRC bit) should be followed by leaving the field on for
T
FINH.
T
FINH should be appropriately adjusted to receive con-
secutive
commands
or
LF
responses.
See
Section 3.2.4 and Section 3.2.5 for LF response and
consecutive command considerations.
FIGURE 3-11:
HCS473 TRANSPONDER WAKE-UP SEQUENCE
Communication from reader to HCS473
Communication from HCS473 to reader
SKIPACK = 1 - Field Acknowledge is not sent
Inductive
(LC)
T
SF
Command
T
CMD
T
SFMAX
SKIPACK = 0 - Field Acknowledge sent when device wakes
Inductive
(LC)
RF
Response
(DATA)
125kHz Field
(on LC pins)
T
CMD
Command
T
CMD
3LF
TE
3LF
TE
3LF
TE 3LFTE
Simultaneous LF
Acknowledge
(LFRSP=1)
RF Acknowledge
(RFRSP=1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com