Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1772B Datasheet(PDF) 11 Page - Linear Technology

Part # LTC1772B
Description  Constant Frequency Current Mode Step-Down DC/DC Controller in SOT-23
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1772B Datasheet(HTML) 11 Page - Linear Technology

Back Button LTC1772B Datasheet HTML 4Page - Linear Technology LTC1772B Datasheet HTML 5Page - Linear Technology LTC1772B Datasheet HTML 6Page - Linear Technology LTC1772B Datasheet HTML 7Page - Linear Technology LTC1772B Datasheet HTML 8Page - Linear Technology LTC1772B Datasheet HTML 9Page - Linear Technology LTC1772B Datasheet HTML 10Page - Linear Technology LTC1772B Datasheet HTML 11Page - Linear Technology LTC1772B Datasheet HTML 12Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
11
LTC1772B
LTC1772B High Efficiency, Small Footprint 3.3V to 1.8V/0.5A Regulator
ITH/RUN
LTC1772B
R4
10k
R1
0.15
Ω
R2
100k
R3
80.6k
L1
10
µH
M1
D1
C3
220pF
GND
VFB
6
5
4
1772 TA02
1
2
3
PGATE
VIN
SENSE–
C1
10
µF
10V
VIN
3.3V
VOUT
1.8V
0.5A
C2
47
µF
6V
+
C1: TAIYO YUDEN CERAMIC
LMK325BJ106K-T
C2: SANYO POSCAP 6TPA47M
D1: MOTOROLA MBRM120T3
L1: COILTRONICS UP1B-100
M1: Si3443DV
R1: DALE 0.25W
LTC1772B 5V/0.5A Flyback Regulator
Information furnished by Linear Technology Corporation is believed to be accurate and reliable.
However, no responsibility is assumed for its use. Linear Technology Corporation makes no represen-
tation that the interconnection of its circuits as described herein will not infringe on existing patent rights.
ITH/RUN
LTC1772B
R4
10k
R1
0.033
Ω
10
µH
10
µH
R2
52.3k
R3
10k
M1
D1
T1
C3
220pF
C1: TAIYO YUDEN CERAMIC
LMK325BJ106K-T
C2: AVXTPSE107M010R0100
D1: IR10BQ015
M1: Si9803
R1: DALE 0.25W
T1: COILTRONICS CTX10-4
GND
VFB
6
5
4
•
•
1772 TA04
1
2
3
PGATE
VIN
SENSE–
VIN
2.5V
TO 9.8V
VOUT
5V
0.5A
C2
100
µF
10V
×2
C1
10
µF
10V
+
TYPICAL APPLICATIO S



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com