Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NCP5331 Datasheet(PDF) 21 Page - ON Semiconductor

Part # NCP5331
Description  Two-Phase PWM Controller with Integrated Gate Drivers
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP5331 Datasheet(HTML) 21 Page - ON Semiconductor

Back Button NCP5331 Datasheet HTML 17Page - ON Semiconductor NCP5331 Datasheet HTML 18Page - ON Semiconductor NCP5331 Datasheet HTML 19Page - ON Semiconductor NCP5331 Datasheet HTML 20Page - ON Semiconductor NCP5331 Datasheet HTML 21Page - ON Semiconductor NCP5331 Datasheet HTML 22Page - ON Semiconductor NCP5331 Datasheet HTML 23Page - ON Semiconductor NCP5331 Datasheet HTML 24Page - ON Semiconductor NCP5331 Datasheet HTML 25Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 38 page
background image
NCP5331
http://onsemi.com
21
0.25 V and “timing out” at 3 V. The current delivered to the
CPGD capacitor (IPGD) is a function of the ROSC resistor
according to the following equation.
IPGD + 0.52 V ROSC
The programmed delay time can be calculated from
tPGD + CPGD @ (PGDTHRESH * PGDMIN) IPGD
+ CPGD @ (3.0 V * 0.25 V) IPGD
The programmable timer may be disabled (set to 0) by
connecting the CPGD pin to 5 VREF. This will set the PGD
delay time to the internal delay of 200
µs. Figure 26
demonstrates the use of the programmable PGD timer (set
to 6.0 ms) to allow PGD to transition high when VCORE is
safely within the regulation limits for the processor (DAC
±50 mV).
Implementing an Enable Function
An Enable function may be implemented on the NCP5331
in one of two ways. The first method (Method A in
Figure 27) is to pull low on the Ilim pin. This method is the
preferred method, as both the GHx and the GLx pins will be
kept low at turn-off, preventing VCORE from being pulled
below ground.
However, if using the “Timed Hiccup Mode Current
Limit” feature with Method A, the Covc pin will time out
when the Ilim pin is pulled low, and the NCP5331 will not
turn back on (after time out) unless the power is recycled.
This can be avoided by adding another transistor to the Covc
pin, thereby keeping it low while the part is disabled.
The second method (Method B in Figure 28) is to pull low
on the NCP5331’s comp pin. With this method, GHx will be
low and GLx will be high while the part is disabled.
However, under Method B, if the part is disabled at
turn-on, and if using the “Timed Hiccup Mode Current
Limit” feature, the Covc pin will again time out and the
NCP5331 will not be able to be turned on after the time out
has occurred. This too can be avoided by the use of a
transistor at the Covc pin keeping it low while the part is
disabled.
If using Method B but not with a transistor at the Covc pin,
a 1.0 K resistor must be added between the drain of the
transistor and the Comp pin to prevent the current limit from
being tripped when the Comp pin is quickly pulled low.
ILIM
Figure 27. Enable Method A
*Needed if using ‘Timed
Hiccup Mode Current Limit’
QILIM
BSS123
1
2
3
COVC
*QCOVC
BSS123
2
3
1
Hi to Disable
Lo to Enable
COMP
Figure 28. Enable Method B
QCOMP
BSS123
1
2
3
COVC
**QCOVC
BSS123
2
3
1
Hi to Disable
Lo to Enable
*R
1.0 k
*Needed if not using QCovc
**Allows Disabling at Turn-On
(when using ‘Timed Hiccup Mode Current Limit’)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com