Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NJM2585 Datasheet(PDF) 7 Page - New Japan Radio

Part # NJM2585
Description  WIDE BAND 3-INPUT 1-OUTPUT 3-CIRCUIT VIDEO AMPLIFIER
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJM2585 Datasheet(HTML) 7 Page - New Japan Radio

Back Button NJM2585 Datasheet HTML 3Page - New Japan Radio NJM2585 Datasheet HTML 4Page - New Japan Radio NJM2585 Datasheet HTML 5Page - New Japan Radio NJM2585 Datasheet HTML 6Page - New Japan Radio NJM2585 Datasheet HTML 7Page - New Japan Radio NJM2585 Datasheet HTML 8Page - New Japan Radio NJM2585 Datasheet HTML 9Page - New Japan Radio NJM2585 Datasheet HTML 10Page - New Japan Radio NJM2585 Datasheet HTML 11Page - New Japan Radio Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
NJM2586
-7-
NJM2585
s
s
s
sTYPICAL CHARACTERISTICS
25
30
35
V vs Icc
4
5
6
7
8
9
10
11
12
V [V]
0.0
0.5
1.0
1.5
2.0
V vs Isave
4567
89
10
11
12
V [V]
0
2
4
6
8
10
12
V vs Vom
CH1_1
CH1_2
CH1_3
CH2_1
CH2_2
CH2_3
CH3_1
CH3_2
CH3_3
45
6
789
10
11
12
V [V]
5.5
6.0
6.5
7.0
7.5
V vs Gv
CH1_1
CH1_2
CH1_3
CH2_1
CH2_2
CH2_3
CH3_2
CH3_1
CH3_3
45
678
9
10
11
12
V [V]
0.0
1.0
2.0
3.0
4.0
5.0
6.0
7.0
8.0
Voltage Gain vs Frequency
CH1-1
CH1-2
CH1-3
10
6
10
7
10
8
Frequency[Hz]
-0.4
-0.2
0.0
0.2
0.4
V vs dGvI
IN1
IN2
IN3
4
5678
9
10
11
12
V [V]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com