Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SDC-PLUS-M Datasheet(PDF) 2 Page - Apacer Technology Inc.

Part # SDC-PLUS-M
Description  Apacer ultra-small 16x20mm SSD-關SDC
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APACER [Apacer Technology Inc.]
Direct Link  https://www.apacer.com/
Logo APACER - Apacer Technology Inc.

SDC-PLUS-M Datasheet(HTML) 2 Page - Apacer Technology Inc.

  SDC-PLUS-M Datasheet HTML 1Page - Apacer Technology Inc. SDC-PLUS-M Datasheet HTML 2Page - Apacer Technology Inc. SDC-PLUS-M Datasheet HTML 3Page - Apacer Technology Inc. SDC-PLUS-M Datasheet HTML 4Page - Apacer Technology Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
μSDCPlus-M
Overview
‧ Tiny size with outstanding performance
‧ Compliant with MO-276 standard (16x20x1.4mm)
‧ SoC (System on chip) /SiP (System in chip) Technology
‧ Built-in S.M.A.R.T. functions
‧ TRIM Command Support
‧ DEVSLP Support
Apacer ultra-small 16x20mm SSD-μSDC complies with JEDEC
MO-276 specification, a maximum sequential read/write speed
of 495/175 MB/sec,which integrates key components such as
controller, flash and DRAM in a single chip using a single ball grid
array package (BGA) technology, breaking the traditional size
restrictions, and is a great leap forward in terms of technology.In
addition, its characteristics such as wide temperature (-40°C
~+85°C) and surface-mount technology (SMT) provide the most
stable storage installation for observation and photography even
in high altitude.
Feature



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com